Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0100109B Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # F0100109B
Description  3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100109B Datasheet(HTML) 2 Page - Eudyna Devices Inc

  F0100109B Datasheet HTML 1Page - Eudyna Devices Inc F0100109B Datasheet HTML 2Page - Eudyna Devices Inc F0100109B Datasheet HTML 3Page - Eudyna Devices Inc F0100109B Datasheet HTML 4Page - Eudyna Devices Inc F0100109B Datasheet HTML 5Page - Eudyna Devices Inc F0100109B Datasheet HTML 6Page - Eudyna Devices Inc F0100109B Datasheet HTML 7Page - Eudyna Devices Inc F0100109B Datasheet HTML 8Page - Eudyna Devices Inc F0100109B Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3.3 V / 5V 156 Mb/s Transimpedance Amplifier
F0100109B
Absolute Maximum Ratings
T
a=25 °C,
unless specified
Recommended Operating Conditions
T
a=25 °C, VDD=+3.3 V, VSS=GND, unless specified
Electrical Characteristics
T
a=25 °C, VDD=3.3 V, VSS= GND, unless specified
Parameter
Symbol
Value
Units
Min.
Max.
Supply Voltage
VDD
3.1
3.6
V
Ambient Operating Temperature
Ta
085
°C
Input Capacitance
CPD
-
0.5
pF
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
T
e
u
l
a
V
s
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
t
n
e
r
r
u
C
y
l
p
p
u
SI
D
D
C
D0
.
9
10
.
7
20
.
0
4A
m
)
e
v
i
t
i
s
o
P
(
n
i
a
GS
P
1
2
,
z
H
M
1
=
f
m
B
d
0
5
-
=
N
I
P
0
5
=
L
R
9
22
3-
B
d
)
e
v
i
t
a
g
e
n
(
n
i
a
GS
N
1
2
,
z
H
M
1
=
f
m
B
d
0
5
-
=
N
I
P
0
5
=
L
R
9
22
3-
B
d
y
c
n
e
u
q
e
r
F
h
g
i
H
B
d
3
-
)
e
v
i
t
i
s
o
p
(
f
f
o
-
t
u
C
F
P
C
0
5
=
L
R
m
B
d
0
5
-
=
N
I
P
0
80
3
1-
z
H
M
y
c
n
e
u
q
e
r
F
h
g
i
H
B
d
3
-
)
e
v
i
t
a
g
e
n
(
f
f
o
-
t
u
C
F
N
C
0
5
=
L
R
m
B
d
0
5
-
=
N
I
P
0
80
3
1-
z
H
M
e
c
n
a
d
e
p
m
I
t
u
p
n
IR
I
z
H
M
1
=
f0
5
50
0
80
0
1
1
)
e
v
i
t
i
s
o
p
(
e
c
n
a
d
e
p
m
I
-
s
n
a
r
TZ
P
T
*0
5
=
L
R
z
H
M
1
=
f
-7
2-
KΩ
)
e
v
i
t
a
g
e
n
(
e
c
n
a
d
e
p
m
I
-
s
n
a
r
TZ
N
T
*0
5
=
L
R
z
H
M
1
=
f
-7
2-
KΩ
)
e
v
i
t
i
s
o
p
(
e
g
a
t
l
o
V
t
u
p
t
u
OV
P
O
C
D6
.
15
.
22
.
3V
)
e
v
i
t
a
g
e
n
(
e
g
a
t
l
o
V
t
u
p
t
u
OV
N
O
C
D6
.
15
.
22
.
3V
e
g
a
t
l
o
V
t
u
p
n
IV
I
C
D8
.
07
9
.
01
.
1V
e
s
i
o
N
t
u
p
n
I
t
n
e
l
a
v
i
u
q
E
y
t
i
s
n
e
D
t
n
e
r
r
u
C
e
s
i
o
n
Iz
H
M
0
1
=
f-
7
.
0-
z
H
/
A
p
2
/
1
t
n
a
t
s
n
o
c
e
m
i
t
C
G
Ac
g
a
tF
p
0
0
2
2
=
t
u
o
C-
0
0
1c
e
s
µ
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
y
l
p
p
u
SV
D
D
V
S
S
V
o
t
5
.
0
-
S
S
0
.
4
+V
t
n
e
r
r
u
C
y
l
p
p
u
SI
D
D
0
5A
m
t
n
e
r
r
u
C
t
u
p
n
II
N
I
3A
m
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
t
n
e
i
b
m
AT
a
0
9
+
o
t
0
4
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
g
t
s
5
2
1
+
o
t
0
5
-C
°
*1 ZTP, N=
(RI+50)
2
×10
S21P,N
20


Similar Part No. - F0100109B

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
   3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
More results

Similar Description - F0100109B

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
   3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
   3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
F0100504B EUDYNA-F0100504B Datasheet
399Kb / 13P
   3.3V/5V 2.5Gb/s NRZ Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1000W SIGE-SE1000W Datasheet
114Kb / 9P
   LightChargerTM155 Mb/s Transimpedance Amplifier Final
logo
Eudyna Devices Inc
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1010W SIGE-SE1010W Datasheet
114Kb / 9P
   LightChargerTM 622 Mb/s Transimpedance Amplifier Final
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com