Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0100406B Datasheet(PDF) 8 Page - Eudyna Devices Inc

Part # F0100406B
Description  3.3V 1.25Gbit/s NRZ Receiver Transimpedance Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

F0100406B Datasheet(HTML) 8 Page - Eudyna Devices Inc

Back Button F0100406B Datasheet HTML 2Page - Eudyna Devices Inc F0100406B Datasheet HTML 3Page - Eudyna Devices Inc F0100406B Datasheet HTML 4Page - Eudyna Devices Inc F0100406B Datasheet HTML 5Page - Eudyna Devices Inc F0100406B Datasheet HTML 6Page - Eudyna Devices Inc F0100406B Datasheet HTML 7Page - Eudyna Devices Inc F0100406B Datasheet HTML 8Page - Eudyna Devices Inc F0100406B Datasheet HTML 9Page - Eudyna Devices Inc F0100406B Datasheet HTML 10Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
F0100406B
3.3V 1.25Gbit/s Transimpedance Amplifier
Examples of AC Characteristics


Similar Part No. - F0100406B

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
More results

Similar Description - F0100406B

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
F0100504B EUDYNA-F0100504B Datasheet
399Kb / 13P
   3.3V/5V 2.5Gb/s NRZ Receiver Transimpedance Amplifier
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
F0100404B EUDYNA-F0100404B Datasheet
462Kb / 10P
   3.3V/5V 1.25 Gb/s Receiver Transimpedance Amplifier
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
   10Gb/s Receiver Transimpedance Amplifier
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
   3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
   3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
logo
Eudyna Devices Inc
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com