Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLC057WG Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FLC057WG
Description  C-Band Power GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLC057WG Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FLC057WG Datasheet HTML 1Page - Eudyna Devices Inc FLC057WG Datasheet HTML 2Page - Eudyna Devices Inc FLC057WG Datasheet HTML 3Page - Eudyna Devices Inc FLC057WG Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FLC057WG
C-Band Power GaAs FET
POWER DERATING CURVE
DRAIN CURRENT vs. DRAIN-SOURCE VOLTAGE
2
1
4
5
3
0
50
100
150
200
2
04
6
8
10
Case Temperature (°C)
Drain-Source Voltage (V)
100
200
VGS =0V
-0.5V
-1.5V
-2.0V
-1.0V
OUTPUT POWER vs. INPUT POWER
VDS=10V
IDS ≈ 0.6 IDSS
10 12 14 16 18 20
Input Power (dBm)
26
28
24
22
20
18
16
30
40
50
20
10
ηadd
8 GHz
6 GHz
6 GHz
8 GHz
Pout
P1dB & ηadd vs. VDS
f=8GHz
IDS ≈ 0.6 IDSS
89
10
Drain-Source Voltage (V)
28
27
26
40
30
50
ηadd
P1dB


Similar Part No. - FLC057WG

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FLC0525D FUTUREWAFER-FLC0525D Datasheet
1Mb / 7P
   Extremely Low Capacitance TVS Diode
01-Apr-2021 V 2.0
FLC052AD FUTUREWAFER-FLC052AD Datasheet
922Kb / 6P
   Extremely Low Capacitance TVS Diode
FLC052XD FUTUREWAFER-FLC052XD Datasheet
1Mb / 10P
   Extremely Low Capacitance TVS Diode
More results

Similar Description - FLC057WG

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLC257MH-6 EUDYNA-FLC257MH-6 Datasheet
92Kb / 4P
   C-Band Power GaAs FET
FLC097WF EUDYNA-FLC097WF Datasheet
95Kb / 4P
   C-Band Power GaAs FET
logo
Fujitsu Component Limit...
FLC257MH-8 FUJITSU-FLC257MH-8 Datasheet
93Kb / 4P
   C-Band Power GaAs FET
FLC167WF FUJITSU-FLC167WF Datasheet
94Kb / 4P
   C-Band Power GaAs FET
logo
Eudyna Devices Inc
FLC107WG EUDYNA-FLC107WG Datasheet
91Kb / 4P
   C-Band Power GaAs FET
logo
Mitsubishi Electric Sem...
MGFC36V7177A MITSUBISHI-MGFC36V7177A_11 Datasheet
124Kb / 3P
   C band internally matched power GaAs FET
MGFC39V5258 MITSUBISHI-MGFC39V5258_11 Datasheet
130Kb / 3P
   C band internally matched power GaAs FET
MGFC39V6472A MITSUBISHI-MGFC39V6472A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC36V3742A MITSUBISHI-MGFC36V3742A_11 Datasheet
123Kb / 3P
   C band internally matched power GaAs FET
MGFC39V5864 MITSUBISHI-MGFC39V5864 Datasheet
108Kb / 3P
   C band internally matched power GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com