Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66011FP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M66011FP
Description  SERIAL BUS CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66011FP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M66011FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66011FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66011FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66011FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66011FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66011FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M66011FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M66011FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M66011FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
MITSUBISHI
〈DIGITAL ASSP〉
M66011FP
SERIAL BUS CONTROLLER
Start
Status register set
SRU write
SRL write
CS=“L” to “H”
Status read
Serial input data read
END
Acknowledge =“0”
Communication trouble
(Serial communication start)
(Serial communication end)
Interrupt command output
When INT Output Is Used
YES
NO
Start
Status register set
SRU write
SRL write
CS=“L” to “H”
Status read
Serial input data read
END
Acknowledge =“0”
Communication trouble
(Serial communication)
When Busy Flag Is Used
YES
NO
Busy flag =“0”
YES
NO
Operation Flow Chart


Similar Part No. - M66011FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66011FP RENESAS-M66011FP Datasheet
2Mb / 13P
   SERIAL BUS CONTROLLER
More results

Similar Description - M66011FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66011FP RENESAS-M66011FP Datasheet
2Mb / 13P
   SERIAL BUS CONTROLLER
logo
Mitsubishi Electric Sem...
M66014FP MITSUBISHI-M66014FP Datasheet
34Kb / 2P
   16-BIT SERIAL BUS CONTROLLER
logo
Texas Instruments
UCC38531 TI1-UCC38531_08 Datasheet
128Kb / 5P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC38531 TI-UCC38531 Datasheet
102Kb / 4P
[Old version datasheet]   Universal Serial Bus Power Controller
logo
Renesas Technology Corp
M66014FP RENESAS-M66014FP Datasheet
93Kb / 5P
   16-bit Serial Bus Controller
logo
Texas Instruments
UCC3831 TI-UCC3831 Datasheet
144Kb / 4P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC3831 TI1-UCC3831_08 Datasheet
171Kb / 5P
[Old version datasheet]   Universal Serial Bus Power Controller
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
Texas Instruments
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
[Old version datasheet]   UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
   HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com