Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLD5F15CX-A Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FLD5F15CX-A
Description  1,550nm DWDM Direct Modulation DFB Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F15CX-A Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FLD5F15CX-A Datasheet HTML 1Page - Eudyna Devices Inc FLD5F15CX-A Datasheet HTML 2Page - Eudyna Devices Inc FLD5F15CX-A Datasheet HTML 3Page - Eudyna Devices Inc FLD5F15CX-A Datasheet HTML 4Page - Eudyna Devices Inc FLD5F15CX-A Datasheet HTML 5Page - Eudyna Devices Inc FLD5F15CX-A Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FLD5F15CX-A
Parameter
Cooler Voltage
Cooler Power
Thermistor Resistance
Thermistor B Constant
Symbol
Ic
Vc
Rtr
B
TL=Tset,
Pf=10mW,
Tc=70
°C
TL=25
°C
Test Conditions
A
V
W
K
k
Unit
Pc
Limit
1.0
2.4
2.4
10.5
Max.
Typ.
-
-
-
9.5
-
-
-
10.0
3630
3270
3450
Min.
Cooler Current
Relative Intensity Noise
RIN
f=2.5 GHz
Pf=10 mW, ORL=24 dB
dB/Hz
-140
--
dB
Power Penalty
PP
Note (2)
2.0
--
Optical Isolation
Is
Tc=-20 to 70
°C
dB
-
25
35
Kink
Kns
-
No Kink
up to 12mW
Note 1. TE=10*log{Pf(Tcase)/Pf(Tc=25
°C)} (dB)
Note 2. 2.5 Gb/s NRZ, Ppeak=10.0mW, Rext=8.2dB, PRBS=223-1,
Note 3. Bit rate=2.48832 Gb/s, PRBS=223-1, Dispersion=3200ps/nm, Ppeak=10mW,
Rext=8.2dB (min.)
Receiver: Eudyna Standard Receiver
Note 4. The selected wavelengths available are listed in Fig. 8
OPTICAL AND ELECTRICAL CHARACTERISTICS (TL=Tset, TL: Laser Temperature,
Tc=25°C, BOL, unless otherwise specified)
Fig. 1 Forward Current vs Output Power
Forward Current, If (mA)
0
5
10
030
60
90
Fig. 2 Frequency Response
Frequency (GHz)
6
3
0
-3
-6
-9
-12
9
12
01
2
3
4
5
Pf=10mW
TL = 25°C
1,550nm DWDM Direct
Modulation DFB Laser


Similar Part No. - FLD5F15CX-A

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H9100 EUDYNA-FLD5F15CX-H9100 Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H9110 EUDYNA-FLD5F15CX-H9110 Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F15CX-H9120 EUDYNA-FLD5F15CX-H9120 Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
More results

Similar Description - FLD5F15CX-A

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-E EUDYNA-FLD5F20NP-E Datasheet
297Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
logo
Mitsubishi Electric Sem...
ML9XX22 MITSUBISHI-ML9XX22 Datasheet
120Kb / 3P
   2.5Gbps DWDM InGaAsP DFB-LASER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com