Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLD5F20NP-E Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FLD5F20NP-E
Description  1,550nm Modulator Integrated DFB Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLD5F20NP-E Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FLD5F20NP-E Datasheet HTML 1Page - Eudyna Devices Inc FLD5F20NP-E Datasheet HTML 2Page - Eudyna Devices Inc FLD5F20NP-E Datasheet HTML 3Page - Eudyna Devices Inc FLD5F20NP-E Datasheet HTML 4Page - Eudyna Devices Inc FLD5F20NP-E Datasheet HTML 5Page - Eudyna Devices Inc FLD5F20NP-E Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Edition 1.3
July 2004
FLD5F20NP-E
FEATURES
• Modulator Integrated DFB Laser Diode Module
• CW operation of DFB laser section
• Modulation voltage applied only to modulator section
• High speed butterfly package with GPO connection
• Built-in optical isolator, monitor photodiode, thermistor, and
thermo-electric cooler
• Available at C-Band ITU-T grid wavelengths between 1529.55nm
thru 1563.05nm
APPLICATION
This MI DFB laser is intended for long reach applications (
≤80km)
at 10Gb/s.
DESCRIPTION
The Modulator Integrated DFB Laser (MI DFB Laser) has an electro-absorption modulator
monolithically integrated with a conventional Distributed Feed-Back (DFB) laser. The modulation
voltage is applied to the modulator section while the laser section operates CW allowing extremely low
wavelength chirping. Extinction ratios of more than 10 dB can be achieved with 2.6 Vp-p modulation.
The MI laser is installed in a butterfly type package. The module incorporates a highly stable optical
coupling system. The module includes an optical isolator, monitor photodiode, thermistor and a
thermo-electric cooler.
Parameter
Symbol
Storage Temperature
Tstg
+85
-
°C
-40
Operating Case Temperature
+70
-
°C
Top
-20
Optical Output Power
5
CW
mW
Pf
-
Laser Forward Current
150
CW
mA
IF
-
Laser Reverse Voltage
2
CW
V
VR
-
Modulator Forward Voltage
+1
CW
V
Vm
-5
Photodiode Forward Current
1
-mA
--
10
-V
Photodiode Reverse Voltage
VDR
-
10
260
°C
sec
Lead Soldering Time
--
TEC Voltage
+2.5
Cooling
-
Heating
V
Vc
-
-2.5
TEC Current
+1.4
Cooling
-
Heating
A
Ic
-
-0.9
Thermistor Temperature
+70
-20
ATC Operation
°C
Tth
Rating
Unit
Min.
Max.
ABSOLUTE MAXIMUM RATINGS (Top=25°C, unless otherwise specified)
Condition
1,550nm Modulator
Integrated DFB Laser


Similar Part No. - FLD5F20NP-E

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D18 EUDYNA-FLD5F20NP-D18 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D19 EUDYNA-FLD5F20NP-D19 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D20 EUDYNA-FLD5F20NP-D20 Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
More results

Similar Description - FLD5F20NP-E

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLD5F20NP EUDYNA-FLD5F20NP Datasheet
292Kb / 5P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-C EUDYNA-FLD5F20NP-C Datasheet
298Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD5F20NP-D EUDYNA-FLD5F20NP-D Datasheet
561Kb / 6P
   1,550nm Modulator Integrated DFB Laser
FLD3F10NP-A EUDYNA-FLD3F10NP-A Datasheet
293Kb / 4P
   1,310nm Modulator Integrated DFB Laser
FLD5F15CX-H EUDYNA-FLD5F15CX-H Datasheet
270Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
FLD5F15CX-L EUDYNA-FLD5F15CX-L Datasheet
277Kb / 5P
   1,550nm Continuous Wave DFB Laser
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com