Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX333ACPP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX333ACPP
Description  Precision, Quad, SPDT, CMOS Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX333ACPP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX333ACPP Datasheet HTML 1Page - Maxim Integrated Products MAX333ACPP Datasheet HTML 2Page - Maxim Integrated Products MAX333ACPP Datasheet HTML 3Page - Maxim Integrated Products MAX333ACPP Datasheet HTML 4Page - Maxim Integrated Products MAX333ACPP Datasheet HTML 5Page - Maxim Integrated Products MAX333ACPP Datasheet HTML 6Page - Maxim Integrated Products MAX333ACPP Datasheet HTML 7Page - Maxim Integrated Products MAX333ACPP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
__________Applications Information
Operation with Supply Voltages
Other than ±15Vo
The main limitation of supply voltages other than ±15V is
a reduction in the analog signal range. The MAX333A
operates with ±5V to ±20V bipolar supplies. The
Typical Operating Characteristics and graphs show typ-
ical on resistance for ±15V, ±10V, ±5 supplies.
Switching times increase by a factor of two or more for
±5V operation. The MAX333A can operate from +10V
to +24V unipolar supplies. It can be powered from a
single +10V to +24V supply, as well as from unbalanced
supplies such as +24V and -5V. Connect V- to 0V when
operating with a single supply.
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. It is important not to exceed the
absolute maximum ratings because stresses beyond
the listed ratings may cause permanent damage to the
devices. Always sequence V+ on first, followed by VL,
V-, and logic inputs. If power-supply sequencing is not
possible, add two small signal diodes in series with the
supply pins (Figure 1). Adding the diodes reduces the
analog signal range to 1V below V+ and 1V below V-,
but low switch resistance and low leakage characteris-
tics are unaffected.
Precision, Quad, SPDT, CMOS Analog Switch
_______________________________________________________________________________________
5
PIN
FUNCTION
15
Not Internally Connected
6
Ground
5
Negative Power Supply
4, 7, 14, 17
Normally Closed Switches
16
Positive Power Supply
1, 10, 11, 20
Logic-Level Inputs
2, 9, 12, 19
Normally Open Switches
3, 8, 13, 18
Common Switch Poles
NAME
N.C.
GND
V-
NC1-NC4
V+
IN1-IN4
NO1-NO4
COM1-COM4
_____________________Pin Description
tR < 20ns
tF < 20ns
50%
0V
+10V
LOGIC
INPUT
V-
-15V
300
COM_
GND
(REPEAT TEST FOR IN2, IN3, AND IN4.)
VIN
+10V
IN_
NO_
50%
tOPEN
50%
50%
50%
50%
3V
tOPEN
tON
tOFF
tON
tOFF
0V
-10V
VCOM
+15V
V+
NC_
-10V
SWITCH OUTPUT
Figure 2. Switching-Time Test Circuit
Vg
NO_
( OR NC_)
V+
COM_
V-
Figure 1. Overvoltage Protection Using Blocking Diodes
______________________________________________Test Circuits/Timing Diagrams


Similar Part No. - MAX333ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333C/D MAXIM-MAX333C/D Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CPP MAXIM-MAX333CPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CWP MAXIM-MAX333CWP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333EPP MAXIM-MAX333EPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results

Similar Description - MAX333ACPP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com