Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX333ACUP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX333ACUP
Description  Precision, Quad, SPDT, CMOS Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX333ACUP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX333ACUP Datasheet HTML 1Page - Maxim Integrated Products MAX333ACUP Datasheet HTML 2Page - Maxim Integrated Products MAX333ACUP Datasheet HTML 3Page - Maxim Integrated Products MAX333ACUP Datasheet HTML 4Page - Maxim Integrated Products MAX333ACUP Datasheet HTML 5Page - Maxim Integrated Products MAX333ACUP Datasheet HTML 6Page - Maxim Integrated Products MAX333ACUP Datasheet HTML 7Page - Maxim Integrated Products MAX333ACUP Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Precision, Quad, SPDT, CMOS Analog Switch
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS–DUAL SUPPLIES (continued)
(GND = 0V, V+ = +15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS—Single Supply
(GND = 0V, V+ = +12V, V- = 0V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
(Notes 2, 3)
UNITS
On Circuit Resistance
RON
45
Analog Signal Range
VCOM
V-
V+
V
Input Current
IIN
-1.0
0.0001
1.0
µA
On Circuit Leakage Current
ICOM
-10
10
nA
On Circuit Leakage Current
INC or INO
-6
6
nA
Input Voltage Low
VIL
V-
0.8
V
Input Voltage High
VIH
2.4
V+
V
CONDITIONS
VIN = V-, V+
PARAMETER
Off Circuit Leakage Current
SYMBOL
MIN
TYP
MAX
(Notes 2, 3)
INC or
INO
0.25
UNITS
Input Current
IIN
nA
1
µA
Input Voltage High
VINHI
2.4
V+
V
Input Voltage Low
VINLO
0
0.8
V
Turn-Off Time
Analog Signal Range
VCOM,
VNO, VNC
V-
V+
V
tOFF
45
ns
Turn-On Time
On Circuit Resistance
tON
rON
35
75
90
On Circuit Leakage Current
ns
ICOM
0.75
nA
Break-Before-Make Time
tOPEN
510
ns
Off Isolation
Supply Voltage Range
OIRR
70
dB
Crosstalk
CCRR
72
dB
V+
10
30
V
Positive Supply Current
l+
0.25
mA
CONDITIONS
VCOM = 11V
VNC or VNO = 1V
VIN = V+, 0V
Figure 1
VCOM = 10V, I(NC or NO) = 1mA,
VCOM = 1V, I(NC or NO) = 1mA
VCOM = 11V, VNC or VNO = 0V
VCOM = 1V, VNC or VNO = V+
f = 1MHz, RL = 75Ω, VCOM = 2.3VRMS
Single supply, V- = GND
VCOM = 10V, I(NC or NO) = 1mA;
VCOM = -10V, I(NC or NO = 1mA
VCOM = ±15V, VNC or VNO = -15V,
V+ = 16.5V, V- = -16.5V
VCOM = ±15V, VNC or VNO = -15V,
V+ = 16.5V, V- = -16.5V
C, E
C, E
C, E
M
M
M
45
-60
60
Note 2:
The algebraic convention, whereby the most negative value is a minimum and the most positive is a maximum, is used in
this data sheet.
Note 3:
Typical values are for design aid only, not guaranteed or subject to production testing.
Note 4:
On resistance match between channels and flatness are guaranteed only with bipolar-supply operation.
LOGIC INPUT
SWITCH
DYNAMIC
SWITCH
INPUT
SUPPLY


Similar Part No. - MAX333ACUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333C/D MAXIM-MAX333C/D Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CPP MAXIM-MAX333CPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333CWP MAXIM-MAX333CWP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
MAX333EPP MAXIM-MAX333EPP Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results

Similar Description - MAX333ACUP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com