Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX612CPA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX612CPA
Description  AC-to-DC Regulator(110/220VAC to 5.0VDC)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX612CPA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX612CPA Datasheet HTML 1Page - Maxim Integrated Products MAX612CPA Datasheet HTML 2Page - Maxim Integrated Products MAX612CPA Datasheet HTML 3Page - Maxim Integrated Products MAX612CPA Datasheet HTML 4Page - Maxim Integrated Products MAX612CPA Datasheet HTML 5Page - Maxim Integrated Products MAX612CPA Datasheet HTML 6Page - Maxim Integrated Products MAX612CPA Datasheet HTML 7Page - Maxim Integrated Products MAX612CPA Datasheet HTML 8Page - Maxim Integrated Products MAX612CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX610/MAX611/MAX612 AC-to-DC power convert-
ers reduce the component count, size, and weight of 1/4
watt power supplies, thus minimizing the overall cost and
simplifying designs. With an 8VRMS input voltage, the
MAX610 needs only a single filter capacitor to make a
complete 5V, 50mA power supply. With the addition of a
current-limiting resistor and a current-limiting capacitor, the
MAX610 connects directly to the 110VAC or 220VAC
power line to make a minimum component count
110/220VAC to 5VDC power supply.
The devices in the MAX610 family differ in three respects:
full- or half-wave rectification, 12V or 18V zener voltage,
and the assignment of pin 4 to the function of setting the
output voltage or setting the time delay. The MAX610 has
a full-wave rectifier, a 12V zener, and the output voltage is
either the internally preset +5V or user adjustable from
+1.3V to +9V. The MAX611 has a half-wave rectifier, a 12V
zener, a fixed +5V output, and pin 4 controls the time delay
of the reset output. The MAX612 has a full-wave rectifier,
an 18V zener, and the output voltage is either the internally
preset +5V or user adjustable from +1.3V to +15V
The low-cost MAX610 family is ideal for applications where
the size, weight, and component count of 1/4 watt power
supplies must be reduced. Reliable power-up reset and
over/undervoltage detection make these devices well suited
for microprocessor-based controllers.
________________________Applications
Minimum-Component-Count Power Supplies
Uninterruptible 5V Power Supplies
Precision Battery Chargers
Line-Powered Appliances
Industrial Controls
Off-Line Instruments
Triac Output Power Controllers
____________________________Features
o Direct 110/220VAC to 5VDC Conversion
o Minimum External Component Count
o Output Voltage Preset to 5V ±4%
o 70µA Typical Quiescent Current
o Over/Undervoltage Detection
o Power-Up Reset Circuit with Programmable Delay
o Programmable Current Limiting
o Programmable Output Voltage: 1.3V to 15V
______________Ordering Information
AC-to-DC Regulator
(110/220VAC to 5.0VDC)
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
V+
AC1
VOUT
VSENSE
VSET
OUV
V-
AC2
MAX610
MAX612
DIP/SO
1
2
3
4
8
7
6
5
V+
AC1
VOUT
VSENSE
RD
OUV
V-
N.C.
MAX611
DIP/SO
TOP VIEW
_________________Pin Configurations
MAX610
VOUT
AC1
+5V DC
OUTPUT
110/220VAC
INPUT
TO
µP
RESET
+12V DC
OUTPUT
AC2
V-
V+
VSET
VSENSE
OUV
__________Typical Operating Circuit
19-0914; Rev 1; 12/94
PART
MAX610CPA
MAX610CSA
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
MAX611CPA
MAX611CSA
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
MAX612CPA
MAX612CSA
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX612CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
   Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
MAX6120ESA MAXIM-MAX6120ESA Datasheet
86Kb / 6P
   Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
MAX6120EUR MAXIM-MAX6120EUR Datasheet
86Kb / 6P
   Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6125 MAXIM-MAX6125 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
More results

Similar Description - MAX612CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX601 MAXIM-MAX601 Datasheet
345Kb / 4P
   AC To DC Regulator
logo
Tumbler Technologies + ...
PD110-10 TRUMPOWER-PD110-10 Datasheet
230Kb / 3P
   110 WATT DC TO DC CONVERTERS
logo
Vicor Corporation
PRM48DH480B03 VICOR-PRM48DH480B03 Datasheet
713Kb / 22P
   DC to DC Regulator
logo
ETA-USA
WRDJ-00X ETA-USA-WRDJ-00X Datasheet
1Mb / 4P
   110 WATT AC-DC CONVERTER
logo
TDK Electronics
CAK-001 TDK-CAK-001 Datasheet
145Kb / 2P
   TDK DC to DC Converters, DC to AC inverters
CD-1601N TDK-CD-1601N Datasheet
757Kb / 9P
   TDK DC to DC Converters, DC to AC Inverters
logo
ETA-USA
WRDQ-00X ETA-USA-WRDQ-00X Datasheet
1Mb / 5P
   110 WATT AC-DC CONVERTER
logo
Micrel Semiconductor
MIC261203ZA MICREL-MIC261203ZA_14 Datasheet
1Mb / 29P
   Synchronous DC-to-DC Buck Regulator
logo
TRACO Electronic AG
TXLN110 TRACOPOWER-TXLN110 Datasheet
990Kb / 4P
   AC/DC Power Supply TXLN 110 Series, 110 Watt
Rev. March 16, 2023
logo
Leadshine Technology Co...
EL6-RS LEADSHINE-EL6-RS Datasheet
1Mb / 14P
   EL6-RS Series AC Servo Drives – 220VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com