Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPR13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPR13
Description  1 AMP SUPER-EFFICIENT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPR13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPR13 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPR13 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL DATA
FEATURES
Data Sheet No. SESA-100-1B
MECHANICAL SPECIFICATION
Case: JEDEC DO-41 molded plastic (U/L Flammability Rating 94V-0)
Terminals: Plated axial leads
Solderability: Per MIL-STD 202 Method 208 guaranteed
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.013 Ounces (0.35 Grams)
C1
(1) Measured at1 MHz and an applied reverse voltage of4 volts.
Low switching noise
Low forward voltage drop
Low thermal resistance
High switching capability
High surge capability
High reliability
ACTUAL SIZE OF
DO-41 PACKAGE
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.028
In
mm
0.107
0.205
0.034
5.2
2.7
0.86
0.160
0.103
25.4
0.71
4.1
2.6
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
Average Forward Rectified Current@ T = 55 C
A
o
Peak Forward Surge Current( 8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage at1 Amp DC
IO
VOLTS
AMPS
VFM
IFSM
1
30
0.95
1.25
Typical Thermal Resistance, Junction to Ambient
Junction Operating and Storage Temperature Range
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
IRM
R
θJA
TJ, TSTG
°C/W
°C
µA
Typical Junction Capacitance (Note 1)
CJ
pF
@ T= 25 C
C
o
@ T = 100 C
C
o
2.0
50
50
50
-65 to +150
4.97fsesa1
NOTES:
MAXIMUM RATINGS& ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive loads, derate current by 20%.
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
VRMS
VRRM
VRM
SYMBOL
SPR11
RATINGS
UNITS
VOLTS
SPR12
SPR13
SPR14
100
100
200
200
300
300
400
400
70
140
210
280
Maximum Reverse Recovery Time (I =0.5A, I =1A, I
=0.25A)
F
R
RR
TRR
35
nSec
SERIES SPR11- SPR14
DO- 41
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B


Similar Part No. - SPR13

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SPR13 DEC-SPR13 Datasheet
392Kb / 2P
   1 AMP SUPER-EFFICIENT RECTIFIERS
More results

Similar Description - SPR13

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SPR11 DEC-SPR11 Datasheet
392Kb / 2P
   1 AMP SUPER-EFFICIENT RECTIFIERS
8SPR01 DEC-8SPR01 Datasheet
447Kb / 2P
   8 AMP SUPER-EFFICIENT RECTIFIERS
12SPR01 DEC-12SPR01 Datasheet
448Kb / 2P
   12 AMP SUPER-EFFICIENT RECTIFIERS
SPR81 DEC-SPR81 Datasheet
444Kb / 2P
   8 AMP SUPER-EFFICIENT RECTIFIERS
SPR161C DEC-SPR161C Datasheet
435Kb / 2P
   16 AMP SUPER-EFFICIENT RECTIFIERS
SPR1001C DEC-SPR1001C Datasheet
433Kb / 2P
   10 AMP SUPER-EFFICIENT RECTIFIERS
SPR1601C DEC-SPR1601C Datasheet
434Kb / 2P
   16 AMP SUPER-EFFICIENT RECTIFIERS
logo
List of Unclassifed Man...
VHE1403 ETC-VHE1403 Datasheet
64Kb / 2P
   12 AMP SUPER EFFICIENT RECTIFIERS
logo
DIOTEC Electronics Corp...
SPR51 DEC-SPR51 Datasheet
520Kb / 2P
   5 AMP SUPER-EFFICIENT RECTIFIERS
SESA-1201-1B DEC-SESA-1201-1B Datasheet
450Kb / 2P
   12 AMP SUPER-EFFICIENT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com