Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2595 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA2595
Description  Horizontal combination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA2595 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA2595 Datasheet HTML 4Page - NXP Semiconductors TDA2595 Datasheet HTML 5Page - NXP Semiconductors TDA2595 Datasheet HTML 6Page - NXP Semiconductors TDA2595 Datasheet HTML 7Page - NXP Semiconductors TDA2595 Datasheet HTML 8Page - NXP Semiconductors TDA2595 Datasheet HTML 9Page - NXP Semiconductors TDA2595 Datasheet HTML 10Page - NXP Semiconductors TDA2595 Datasheet HTML 11Page - NXP Semiconductors TDA2595 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
March 1987
9
Philips Semiconductors
Product specification
Horizontal combination
TDA2595
Phase comparison
ϕ2 (pins 2 and 3) (continued)
Phase relation between middle of the
horizontal sync pulse and the middle of the line
flyback pulse at tfp =12 µs (note 2)
∆t
2,6
± 0,7
−µs
If additional adjustment is
required, it can be arranged by applying a current at
pin 3
∆I/∆t
30
−µA/µs
Burst gating pulse (pin 6) (note 3)
Output voltage
V6-5
10
11
V
Pulse duration
tp
3,7
4
4,3
µs
Phase relation between middle of
sync pulse at the input and the leading edge of the
burst gating pulse at V6-5 =7V
tϕ6
2,15
2,65
3,15
µs
Output trailing edge current
I6
2
mA
Horizontal blanking pulse (pin 6) (note 3)
Output voltage
V6-5
4,1
4,5
4,9
V
Output trailing edge current
I6
2
mA
Saturation voltage at horizontal scan
V6-5sat
−−
0,5
V
Clamping circuit for vertical blanking pulse (pin 6) (note 3)
Output voltage at I6 = 2,8 mA
V6-5
2,15
2,5
3
V
Minimum output current
at V6-5 > 2,15 V
I6min
2,3
mA
Maximum output current
at V6-5 < 3V
I6max
3,3
mA
TV-transmitter identification (pin 12) (note 4)
Output voltage
no TV transmitter
V12-5
−−
1V
TV transmitter identified
V12-5
7
−−
V
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA2595

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
STMicroelectronics
TDA2593 STMICROELECTRONICS-TDA2593 Datasheet
172Kb / 6P
   SYNCHRO AND HORIZONTAL DEFLECTION CONTROL FOR COLOR TV SET
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
More results

Similar Description - TDA2595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2594 ETC-TDA2594 Datasheet
290Kb / 7P
   HORIZONTAL COMBINATION
logo
Fairchild Semiconductor
TDA2590 FAIRCHILD-TDA2590 Datasheet
344Kb / 7P
   TV HORIZONTAL OSCILLATOR COMBINATION
logo
NTE Electronics
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
logo
Motorola, Inc
MC13081X MOTOROLA-MC13081X Datasheet
222Kb / 20P
   Multimode Color Monitor Horizontal, Vertical, and Video Combination Processor
logo
NTE Electronics
NTE7001 NTE-NTE7001 Datasheet
40Kb / 5P
   Integrated Circuit Horizontal Combination Circuit for Color TV & Computer Monitors
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
List of Unclassifed Man...
ECG1086 ETC1-ECG1086 Datasheet
209Kb / 5P
   SYNCHRONOUS SEPARATOR, HORIZONTAL AFC, HORIZONTAL OSCILLATOR
logo
PIC GmbH
PLS-092A-3PPH PIC-PLS-092A-3PPH Datasheet
251Kb / 2P
   Horizontal-Levelsensor
logo
CUI INC
UJ2-AH-SMT CUI-UJ2-AH-SMT Datasheet
323Kb / 4P
   horizontal orientation
logo
KODENSHI_AUK CORP.
SG257 KODENSHI-SG257 Datasheet
282Kb / 2P
   Horizontal slit/
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com