Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC87C52-20CBR Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # TSC87C52-20CBR
Description  CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52-20CBR Datasheet(HTML) 4 Page - TEMIC Semiconductors

  TSC87C52-20CBR Datasheet HTML 1Page - TEMIC Semiconductors TSC87C52-20CBR Datasheet HTML 2Page - TEMIC Semiconductors TSC87C52-20CBR Datasheet HTML 3Page - TEMIC Semiconductors TSC87C52-20CBR Datasheet HTML 4Page - TEMIC Semiconductors TSC87C52-20CBR Datasheet HTML 5Page - TEMIC Semiconductors TSC87C52-20CBR Datasheet HTML 6Page - TEMIC Semiconductors TSC87C52-20CBR Datasheet HTML 7Page - TEMIC Semiconductors TSC87C52-20CBR Datasheet HTML 8Page - TEMIC Semiconductors TSC87C52-20CBR Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TSC87C52
4
Rev. C – 10 Sept 1997
Preliminary
MATRA MHS
Pin Description
VSS
Circuit ground potential.
VSS1
Secondary ground (not on DIP). Provided to reduce ground bounce and improve power supply by–passing.
Note: This pin is not a substitute for the VSS pin. Connection is not necessary for proper operation.
VCC
Supply voltage during normal, Idle, and Power Down operation.
Port 0
Port 0 is an 8 bit open drain bi-directional I/O port. Port 0 pins that have 1’s written to them float, and in that state can
be used as high-impedance inputs.
Port 0 is also the multiplexed low-order address and data bus during accesses to external Program and Data Memory.
In this application it uses strong internal pullups when emitting 1’s.
Port 0 can sink eight LS TTL inputs.
Port 0 is used as data bus during EPROM programming and program verification.
Port 1
Port 1 is an 8 bit bi-directional I/O port with internal pullups. Port 1 pins that have 1’s written to them are pulled high
by the internal pullups, and in that state can be used as inputs. As inputs, Port 1 pins that are externally being pulled
low will source current (IIL, in the DC parameters section) because of the internal pullups.
Port 1 can sink/ source three LS TTL inputs. It can drive CMOS inputs without external pullups.
Port1 also serves the functions of the following special features of the TSC87C52 as listed below:
Port Pin
Alternate Function
P1.0
P1.1
T2 (External Count input to Timer/Counter 2), Clock–Out
T2EX (Timer/Counter 2 Capture/Reload Trigger and direction Control)
Port 1 receives the low–order address byte during EPROM programming and program verification.
Port 2
Port 2 is an 8 bit bi-directional I/O port with internal pullups. Port 2 pins that have 1’s written to them are pulled high
by the internal pullups, and in that state can be used as inputs. As inputs, Port 2 pins that are externally being pulled
low will source current (IIL, in the DC parameters section) because of the internal pullups.
Port 2 emits the high-order address byte during fetches from external Program Memory and during accesses to external
Data Memory that use 16 bit addresses (MOVX @DPTR). In this application, it uses strong internal pullups when
emitting 1’s. During accesses to external Data Memory that use 8 bit addresses (MOVX @Ri), Port 2 emits the contents
of the P2 Special Function Register.
Port 2 can sink/source three LS TTL inputs. It can drive CMOS inputs without external pullups.
Some Port 2 pins receive the high–order address bits and control signals during EPROM programming and program
verification.
Port 3
Port 3 is an 8 bit bi-directional I/O port with internal pullups. Port 3 pins that have 1’s written to them are pulled high
by the internal pullups, and in that state can be used as inputs. As inputs, Port 3 pins that are externally being pulled
low will source current (IIL, in the DC parameters section) because of the pullups.


Similar Part No. - TSC87C52-20CBR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C52-12CA TEMIC-TSC87C52-12CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-12CB TEMIC-TSC87C52-12CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CA TEMIC-TSC87C52-16CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CB TEMIC-TSC87C52-16CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
More results

Similar Description - TSC87C52-20CBR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com