Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR181TF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BFR181TF
Description  Silicon NPN Planar RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFR181TF Datasheet(HTML) 1 Page - Vishay Siliconix

  BFR181TF Datasheet HTML 1Page - Vishay Siliconix BFR181TF Datasheet HTML 2Page - Vishay Siliconix BFR181TF Datasheet HTML 3Page - Vishay Siliconix BFR181TF Datasheet HTML 4Page - Vishay Siliconix BFR181TF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BFR181TF
Document Number 85100
Rev. 1.3, 28-Apr-05
Vishay Semiconductors
www.vishay.com
1
2
1
3
Electrostatic sensitive device.
Observe precautions for handling.
16867
Silicon NPN Planar RF Transistor
Description
The main purpose of this bipolar transistor is broad-
band amplification up to 2 GHz. In the space-saving
3-pin surface-mount SOT-490 package electrical per-
formance and reliability are taken to a new level cov-
ering a smaller footprint on PC boards than previous
packages. In addition to space savings, the SOT-490
provides a higher level of reliability than other 3-pin
packages, such as more resistance to moisture. Due
to the short length of its leads the SOT-490 is also
reducing package inductances resulting in some bet-
ter electrical performance. All of these aspects make
this device an ideal choice for demanding RF applica-
tions.
Features
• Small feedback capacitance
• Low noise figure
• High power gain
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
For low noise and high gain broadband amplifiers at
collector currents from 0.5 mA to 12 mA.
Mechanical Data
Typ: BFR181TF
Case: SOT-490 Plastic case
Weight: approx. 2.5 mg
Pinning: 1 = Collector, 2 = Base, 3 = Emitter
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Marking
Package
BFR181TF
RF
SOT-490
Parameter
Test condition
Symbol
Value
Unit
Collector-base voltage
VCBO
15
V
Collector-emitter voltage
VCEO
10
V
Emitter-base voltage
VEBO
2V
Collector current
IC
20
mA
Base current
IB
2mA
Total power dissipation
Tamb ≤ 78 °C
Ptot
160
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
e3


Similar Part No. - BFR181TF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFR181T VISHAY-BFR181T Datasheet
68Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 2, 20-Jan-99
logo
Infineon Technologies A...
BFR181T INFINEON-BFR181T Datasheet
70Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
logo
Vishay Siliconix
BFR181TW VISHAY-BFR181TW Datasheet
68Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 2, 20-Jan-99
More results

Similar Description - BFR181TF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com