Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6279ELPTR-T Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A6279ELPTR-T
Description  Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6279ELPTR-T Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A6279ELPTR-T Datasheet HTML 3Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 4Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 5Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 6Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 7Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 8Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 9Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 10Page - Allegro MicroSystems A6279ELPTR-T Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Serial-Input, Constant-Current Latched
LED Drivers with Open LED Detection
A6278 and
A6279
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Normal Mode
Serial data present at the SERIAL DATA IN input is transferred
to the shift register on the logic 0-to-logic 1 transition of the
CLOCK input pulse. On succeeding CLOCK pulses, the register
shifts data towards the SERIAL DATA OUT pin. The serial data
must appear at the input prior to the rising edge of the CLOCK
input waveform.
Data present in any register is transferred to the respective latch
when the LATCH ENABLE input is high (serial-to-parallel con-
version). The latches continue to accept new data as long as the
LATCH ENABLE input is held high.
Applications where the latches are bypassed (LATCH ENABLE
tied high) will require that the OUTPUT ENABLE input be high
during serial data entry. When the OUTPUT ENABLE input is
high, the output sink drivers are disabled (OFF).
The data stored in the latches is not affected by the OUTPUT
ENABLE input. With the OUTPUT ENABLE input active (low),
the outputs are controlled by the state of their respective latches.
LED Open Circuit Detection (Test) Mode
The LED Open Circuit Detection (OCD) mode, or Test mode,
is entered by clocking in the LED OCD mode initialization
sequence on the OUTPUT ENABLE (OE) and LATCH ENABLE
(LE) pins. In Normal mode, the OE and LE pins do not change
states while the CLOCK signal is cycling. The initialization
sequence is shown in panel A of the LED OCD timing require-
ments diagram on page 7.
Note: Each step event during mode sequencing happens on the
leading edge of the CLOCK signal. Five step events (CLOCK
pulses) are required to enter OCD mode and five step events are
required to return to Normal mode.
A pattern, such as all highs, should first be loaded into the reg-
isters and latched leaving LE low. The device is then sequenced
into LED OCD mode. It should be noted that data is still being
sent through the shift registers while entering the LED OCD
mode. However, this data is not latched when the LE pin goes
high and sees a CLOCK pulse during the initialization sequence.
Open circuit detection does not take place until the sequence in
Panel B on page 7 is performed. During this sequence, the OE
pin must be held low for a minimum of 2 μs (tW(OE1)) to ensure
proper settling of the output currents and be given a minimum of
three CLOCK pulses. During the period that the OE pin is low
(active), OCD testing begins. The VCE voltage on each of the
output pins is compared to the Open LED Detection Theshold,
VCE(OCD). If the VCE of an enabled output is lower than VCE(OCD),
an error bit value of 0 is set in the corresponding shift register. A
value of 1 will be set if no error is detected. If a particular output
is not enabled, a 0 will be set. The error codes are summarized in
the following table:
After the testing process, setting the OE pin high causes the shift
registers to latch the error code data where it can then be clocked
out of the SERIAL DATA OUT pin. The OCD latching sequence
(OE low, 3 CLOCK pulses, OE high as shown in panel B of the
LED OCD timing diagram) can then be repeated if necessary to
look for intermittent contact problems.
The state of the outputs can be programmed with new data at any
time while in LED OCD mode (the same as in Normal mode).
This allows specific patterns to be tested for open circuits. The
pattern that is latched will then be tested during the OCD latching
sequence and the resulting bit values can be clocked out of the
SERIAL DATA OUT pin.
Note: LED Open Circuit Detection will not work properly if the
current is being externally limited by resistors to within the set
current limit for the device.
To return to Normal mode, perform the clocking sequence shown
in panel C of the timing diagram on the OE and LE pins.
Functional Description
Output State Test Condition Error Code Meaning
Output State
Test Condition
Error Code
Meaning
OFF
N/A
0
N/A
ON
VCE < VCE(OCD)
0
Open/TSD
VCE ≥ VCE(OCD)
1
Normal


Similar Part No. - A6279ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6279ELPTR-T ALLEGRO-A6279ELPTR-T Datasheet
652Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
More results

Similar Description - A6279ELPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6278 ALLEGRO-A6278_07 Datasheet
652Kb / 18P
   Serial-Input Constant-Current Latched LED Drivers with Open LED Detection
logo
Silicon Touch Technolog...
DM412 SITI-DM412 Datasheet
1Mb / 35P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS WITH LED OPEN DETECTION
logo
Allegro MicroSystems
A6285 ALLEGRO-A6285 Datasheet
545Kb / 13P
   16-Channel Constant-Current Latched LED Driver with Open LED Detection and Dot Correction
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
6276 ALLEGRO-6276 Datasheet
154Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANT CURRENT LATCHED LED DRIVER
A6276SA ALLEGRO-A6276SA Datasheet
567Kb / 13P
   16-Bit Serial Input, Constant-Current Latched LED Driver
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com