Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC87C52-16CJD Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # TSC87C52-16CJD
Description  CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC87C52-16CJD Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button TSC87C52-16CJD Datasheet HTML 3Page - TEMIC Semiconductors TSC87C52-16CJD Datasheet HTML 4Page - TEMIC Semiconductors TSC87C52-16CJD Datasheet HTML 5Page - TEMIC Semiconductors TSC87C52-16CJD Datasheet HTML 6Page - TEMIC Semiconductors TSC87C52-16CJD Datasheet HTML 7Page - TEMIC Semiconductors TSC87C52-16CJD Datasheet HTML 8Page - TEMIC Semiconductors TSC87C52-16CJD Datasheet HTML 9Page - TEMIC Semiconductors TSC87C52-16CJD Datasheet HTML 10Page - TEMIC Semiconductors TSC87C52-16CJD Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TSC87C52
7
MATRA MHS
Rev. C – 10 Sept 1997
Preliminary
While the TSC87C52 is in ONCE mode, an emulator or test CPU can be used to drive the circuit. Table 2 shows the
status of the port pins during ONCE mode.
Normal operation is restored when normal reset is applied.
Table 2 External pin status during ONCE mode
ALE
PSEN
Port 0
Port 1
Port 2
Port 3
XTAL1/2
Weak pull–up
Weak pull–up
Float
Weak pull–up
Weak pull–up
Weak pull–up
Active
ALE Disabling
The ALE signal is used to demultiplex address and data buses on port 0 when used with external program or data
memory. Nevertheless, during internal code execution, ALE signal is still generated. In order to reduce EMI, ALE
signal should be disabled by setting AO bit.
The AO bit is located in MSCON at bit location 0 (see Table 3). As soon as AO is set, ALE is no longer output but
remains active during MOVX and MOVC instructions and external fetches. During ALE disabling, ALE pin is weakly
pulled high.
Table 3 MSCON – Miscellaneous Control Register (8Eh)
765432
10
AO
Symbol
Description
Reserved
Do not write 1 in these bits.
AO
ALE Output bit
Set to disable ALE operation during internal fetches.
Clear to restore ALE operation during internal fetches.
The reset value of MSCON is XXXX XXX0b.
UART
The UART in the TSC87C52 operates identically to the UART in the 80C51 but includes the following enhancement.
For a complete understanding of the TSC87C52 UART please refer to the description in the 80C51 Hardware
Description Guide.
Framing Error Detection
Framing error detection allows the serial port to check for missing stop bits in the communication in mode 1, 2 or 3.
A missing stop bit can be caused for example by noise on the serial lines or transmission by two CPUs simultaneously.
If a stop bit is missing a Framing Error bit (FE) is set. The FE bit can be checked in software after each reception to
detect communication errors. Once set, the FE bit must be cleared in software. A valid stop bit will not clear FE.
The FE bit is located in SCON at bit location 7. It shares the same bit location as SM0 (see Table 4). The new control
bit SMOD0 in PCON (see Table 1) determines whether the SM0 or FE bit is accessed (see Figure 3), so whether the
framing error detection is enabled or not. If SMOD0 is set then SCON.7 functions as FE, if SMOD0 is cleared then
SCON.7 functions as SM0. Once set, the FE bit must be cleared by software. A valid stop bit will not clear FE. When
UART is in mode 1 (8–bit mode), RI flag is set during stop bit whether or not framing error is enabled (see Figure 4).


Similar Part No. - TSC87C52-16CJD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C52-16CA TEMIC-TSC87C52-16CA Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
TSC87C52-16CB TEMIC-TSC87C52-16CB Datasheet
54Kb / 6P
   Introduction to TSC87C51/C52 OTP Microcontrollers
More results

Similar Description - TSC87C52-16CJD

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com