Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14L040 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC14L040
Description  14-Bit, 40 MSPS, 235 mW A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC14L040 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC14L040 Datasheet HTML 3Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 4Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 5Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 6Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 7Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 8Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 9Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 10Page - National Semiconductor (TI) ADC14L040 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DC and Logic Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 40 MHz, fIN = 20 MHz, tr =tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On.
Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
Power Down Power Consumption
PD Pin = V
D, clock on
15
mW
PSRR
Power Supply Rejection Ratio
Rejection of Full-Scale Error with
V
A =3.0V vs. 3.6V
72
dB
AC Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +3.3V, VDR =
+2.5V, PD = 0V, External V
REF = +1.0V, fCLK = 40 MHz, fIN = 10 MHz, tr =tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On.
Boldface limits apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9, 12)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
f
CLK1
Maximum Clock Frequency
40
MHz (min)
f
CLK2
Minimum Clock Frequency
5
MHz
t
CH
Clock High Time
Duty Cycle Stabilizer On
12.5
5
ns (min)
t
CL
Clock Low Time
Duty Cycle Stabilizer On
12.5
5
ns (min)
t
CH
Clock High Time
Duty Cycle Stabilizer Off
12.5
10
ns (min)
t
CL
Clock Low Time
Duty Cycle Stabilizer Off
12.5
10
ns (min)
t
CONV
Conversion Latency
7
Clock
Cycles
t
OD
Data Output Delay after Rising
Clock Edge
6
9.6
ns (max)
t
AD
Aperture Delay
2
ns
t
AJ
Aperture Jitter
0.7
ps rms
t
PD
Power Down Mode Exit Cycle
0.1 µF on pins 30, 31, 32; 10 µF
between pins 30, 31
280
µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = AGND = DGND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be limited to 25 mA. The
50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 25 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature, (TA), and can be calculated using the formula PDMAX=(TJmax - TA )/θJA. The values
for maximum power dissipation listed above will be reached only when the device is operated in a severe fault condition (e.g. when input or output pins are driven
beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
Note 6: Reflow temperature profiles are different for lead-free and non-lead-free packages.
Note 7: The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided current is limited per
(Note 3). However, errors in the A/D conversion can occur if the input goes above VA or below GND by more than 100 mV. As an example, if VA is +3.3V, the full-scale
input voltage must be
≤+3.4V to ensure accurate conversions.
20146511
Note 8: To guarantee accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
Note 9: With the test condition for VREF = +1.0V (2VP-P differential input), the 14-bit LSB is 122.1 µV.
Note 10: Typical figures are at TJ = 25˚C, and represent most likely parametric norms. Test limits are guaranteed to National’s AOQL (Average Outgoing Quality
Level).
www.national.com
7


Similar Part No. - ADC14L040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14L040 TI1-ADC14L040 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
ADC14L040CIVY/NOPB TI1-ADC14L040CIVY/NOPB Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
More results

Similar Description - ADC14L040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
   14-Bit, 7 MSPS, 380 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com