Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN91C111 Datasheet(PDF) 3 Page - SMSC Corporation

Part # LAN91C111
Description  10/100 Non-PCI Ethernet Single Chip MAC PHY
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C111 Datasheet(HTML) 3 Page - SMSC Corporation

  LAN91C111 Datasheet HTML 1Page - SMSC Corporation LAN91C111 Datasheet HTML 2Page - SMSC Corporation LAN91C111 Datasheet HTML 3Page - SMSC Corporation LAN91C111 Datasheet HTML 4Page - SMSC Corporation LAN91C111 Datasheet HTML 5Page - SMSC Corporation LAN91C111 Datasheet HTML 6Page - SMSC Corporation LAN91C111 Datasheet HTML 7Page - SMSC Corporation LAN91C111 Datasheet HTML 8Page - SMSC Corporation LAN91C111 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 142 page
background image
10/100 Non-PCI Ethernet Single Chip MAC + PHY
Datasheet
SMSC LAN91C111-REV B
3
Revision 1.8 (07-13-05)
DATASHEET
0.1
Datasheet Revision History
Table 0.1 LAN91C111 Datasheet Revision History
NAME
REVISION
LEVEL AND
DATE
SECTION/FIGURE/ENTRY
CORRECTION
K. Lawrence
Rev. 1.8
(07-13-05)
Chapter 14, "Timing
Diagrams," on page 125 -
(Figure 14.1, Figure 14.2, and
Figure 14.3), and Chapter 8,
MAC Data Structures and
Registers
Fixed t4 MIN/MAX values. Clarified CRC
in RX packet description.
Rev. 1.7
(11-16-04)
Ordering Information
Lead-free added.
Rev. 1.6
(05-18-04)
Chapter 14, "Timing
Diagrams," on page 125 -
(Figure 14.1, Figure 14.2, and
Figure 14.3)
Modified t1 and t4.
Rev. 1.6
(05-18-04)
Table 10.2, “Flow Of Events
For Restoring Device In
Normal Power Mode,” on
page 96
Modified description of restoring to normal
power mode.
Rev. 1.6
(05-18-04)
Section 7.7.17, "PHY
Powerdown," on page 50
Modified description of PHY power down
mode.
Rev. 1.5
(02-20-04)
Chapter 5, "Description of Pin
Functions," on page 23
Modified description of INTR0 pin active
high.
Rev. 1.5
(02-20-04)
Table 9.2, “MII Serial Port
Register MAP,” on page 84
Modified Reg.18 LNKFAIL bit to “0” by
default.
Rev. 1.4
(12-12-03)
Features
Removed “user programmable” under
LED Output features.
Rev. 1.3
(07-29-03)
Section 13.1, "Maximum
Guaranteed Ratings*," on
page 119
Modified LAN91C111 Temp 0
°C to +85°C.
Rev. 1.3
(07-18-03)
Section 8.2, "Receive Frame
Status," on page 54
Modified description of the BROADCAST
bit in Receive Frame Status.
Rev. 1.3
(07-18-03)
Section 8.5, "Bank 0 -
Transmit Control Register," on
page 57
Modified description of the STP_SQET bit
in TCR Register.
Rev. 1.3
(07-18-03)
Section 8.6, "Bank 0 - EPH
Status Register," on page 58
Modified description of SQET bit in EPH
Status Register.
Rev. 1.2
(09-17-02)
Section 8.12, "Bank 1 - Base
Address Register," on
page 65
Added chart showing decoding of I/O
Base Address 300h.
Rev. 1.0
(07-01-02)
Chapter 5, "Description of Pin
Functions," on page 23
Add Buffer Type for nLEDA and nLEDB,
Add description of LCLK.
Rev. 1.0
(07-01-02)
Section 7.7.12, "Link Integrity
& Autonegotiation," on
page 46
Modified Auto-Negotiation Enable
Description.
Rev. 1.0
(07-01-02)
Section 7.8, "Reset," on
page 51
Add Reset Description.


Similar Part No. - LAN91C111

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
Pulse A Technitrol Comp...
LAN91C111 PULSE-LAN91C111 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Microchip Technology
LAN91C111-NS MICROCHIP-LAN91C111-NS Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111-NS SMSC-LAN91C111-NS Datasheet
1Mb / 133P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Microchip Technology
LAN91C111-NU MICROCHIP-LAN91C111-NU Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
More results

Similar Description - LAN91C111

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
   78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
logo
Micrel Semiconductor
KSZ8851MQL MICREL-KSZ8851MQL Datasheet
59Kb / 2P
   Single Port MAC/PHY Controller with Non PCI Interface
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com