Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1261CM Datasheet(PDF) 3 Page - International Rectifier

Part # IRU1261CM
Description  DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1261CM Datasheet(HTML) 3 Page - International Rectifier

  IRU1261CM Datasheet HTML 1Page - International Rectifier IRU1261CM Datasheet HTML 2Page - International Rectifier IRU1261CM Datasheet HTML 3Page - International Rectifier IRU1261CM Datasheet HTML 4Page - International Rectifier IRU1261CM Datasheet HTML 5Page - International Rectifier IRU1261CM Datasheet HTML 6Page - International Rectifier IRU1261CM Datasheet HTML 7Page - International Rectifier IRU1261CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRU1261
3
Rev. 2.0
09/19/02
www.irf.com
BLOCK DIAGRAM
The control input pin of the regulator. This pin is connected, via a 10
V resistor, to the 5V
supply to provide the base current for the pass transistor of both regulators. This allows
the regulator to have very low dropout voltage which allows one to generate a well regu-
lated 2.5V supply from the 3.3V input. A high frequency, 1
mF capacitor is connected
between this pin and VIN pin to insure stability.
The output #2 (high current) of the regulator. A minimum of 100
mF capacitor must be
connected from this pin to ground to insure stability.
This pin is connected to ground. It is also the Tab of the package.
The power input pin of the regulator. Typically a large storage capacitor is connected from
this pin to ground to insure that the input voltage does not sag below the minimum drop
out voltage during the load transient response. This pin must always be higher than both
VOUT pins by the amount of the dropout voltage (see data sheet) in order for the device to
regulate properly.
The output #1 (low current) of the regulator. A minimum of 100
mF capacitor must be
connected from this pin to ground to insure stability.
Figure 2 - Simplified block diagram of the IRU1261.
VCTRL
VOUT2
Gnd
VIN
VOUT1
1
2
3
4
5
PIN DESCRIPTIONS
PIN # PIN SYMBOL
PIN DESCRIPTION
VCTRL
VIN
Gnd
4
1
3
2
VOUT2
5 VOUT1
THERMAL
SHUTDOWN
1.20V
+


Similar Part No. - IRU1261CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260 IRF-IRU1260 Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260 IRF-IRU1260 Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260CM IRF-IRU1260CM Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260CM IRF-IRU1260CM Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260CP IRF-IRU1260CP Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - IRU1261CM

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1261 UNISEM-US1261 Datasheet
41Kb / 6P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1260 IRF-IRU1260 Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260 IRF-IRU1260 Datasheet
76Kb / 12P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1260 UNISEM-US1260 Datasheet
67Kb / 9P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1010-25 IRF-IRU1010-25 Datasheet
50Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
International Rectifier
IRU1117-25 IRF-IRU1117-25 Datasheet
60Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 2.5V REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com