Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23KM-K066-00V/99V Datasheet(PDF) 2 Page - NMB Technologies Corporation

Part # 23KM-K066-00V/99V
Description  Standard Hybrid Step Motors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

23KM-K066-00V/99V Datasheet(HTML) 2 Page - NMB Technologies Corporation

  23KM-K066-00V/99V Datasheet HTML 1Page - NMB Technologies Corporation 23KM-K066-00V/99V Datasheet HTML 2Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NMB Technologies Corporation - Motor Group - Phone: 847-981-5190 - e-mail: motors@nmbtc.com
23KM-K
Motor Size
Step
Angle
Rated
Current
Resistance
Holding
Torque
Mass
Part Number
[mm]
[deg]
[A]
[Ohms]
[mNm]
[g]
23KM-K267-00V/99V
56 ~ 42
1.8
0.9
5.8
480
470
23KM-K251-00V/99V
56 ~ 42
1.8
1.8
1.5
480
470
23KM-K244-00V/99V
56 ~ 42
1.8
2.9
0.6
480
470
23KM-K066-00V/99V
56 ~54
1.8
1
7
900
680
23KM-K049-00V/99V
56 ~54
1.8
2
1.7
900
680
23KM-K044-00V/99V
56 ~54
1.8
3
0.85
900
680
23KM-K762-00V/99V
56 ~76
1.8
1
8.6
1,400
1,050
23KM-K748-00V/99V
56 ~76
1.8
2
2.3
1,400
1,050
23KM-K743-00V/99V
56 ~76
1.8
3
1.1
1,400
1,050


Similar Part No. - 23KM-K066-00V/99V

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
23K15A-010E4 ROSENBERGER-23K15A-010E4 Datasheet
94Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
logo
Microchip Technology
23K256 MICROCHIP-23K256 Datasheet
368Kb / 26P
   256K SPI Bus Low-Power Serial SRAM
2010
23K256 MICROCHIP-23K256 Datasheet
563Kb / 28P
   256K SPI Bus Low-Power Serial SRAM
2010
23K256 MICROCHIP-23K256 Datasheet
412Kb / 27P
   256-Kbit SPI Bus Low-Power Serial SRAM
Revision G (04/2022)
23K256-E/P MICROCHIP-23K256-E/P Datasheet
368Kb / 26P
   256K SPI Bus Low-Power Serial SRAM
2010
More results

Similar Description - 23KM-K066-00V/99V

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
42HS LEADSHINE-42HS Datasheet
563Kb / 3P
   Hybrid Stepping Motors
logo
List of Unclassifed Man...
MY5002 ETC2-MY5002 Datasheet
639Kb / 4P
   Size 11 Mini Hybrid Stepper Motors
logo
TRINAMIC Motion Control...
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
logo
List of Unclassifed Man...
HT23-394 ETC2-HT23-394 Datasheet
72Kb / 3P
   2-phase hybrid step motor
HT17-068 ETC2-HT17-068 Datasheet
72Kb / 3P
   2-phase hybrid step motor
logo
Linear Technology
LTC7821 LINER-LTC7821 Datasheet
1Mb / 36P
   Hybrid Step-Down Synchronous Controller
logo
STMicroelectronics
GS-D500A STMICROELECTRONICS-GS-D500A Datasheet
99Kb / 10P
   100V/5A STEP AND MICROSTEP DRIVE BOARD FOR STEPPER MOTORS
logo
Copal Electronics
SPS10 COPAL-SPS10 Datasheet
117Kb / 4P
   STEPPING MOTORS
SP33-1001 COPAL-SP33-1001 Datasheet
320Kb / 3P
   STEPPING MOTORS
logo
Mitsumi Electronics, Co...
M42SP-7 MITSUMI-M42SP-7 Datasheet
77Kb / 2P
   Stepping Motors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com