Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5051VU Datasheet(PDF) 5 Page - Eudyna Devices Inc

Part # FMM5051VU
Description  Ku band Power Amplifier MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5051VU Datasheet(HTML) 5 Page - Eudyna Devices Inc

  FMM5051VU Datasheet HTML 1Page - Eudyna Devices Inc FMM5051VU Datasheet HTML 2Page - Eudyna Devices Inc FMM5051VU Datasheet HTML 3Page - Eudyna Devices Inc FMM5051VU Datasheet HTML 4Page - Eudyna Devices Inc FMM5051VU Datasheet HTML 5Page - Eudyna Devices Inc FMM5051VU Datasheet HTML 6Page - Eudyna Devices Inc FMM5051VU Datasheet HTML 7Page - Eudyna Devices Inc FMM5051VU Datasheet HTML 8Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4
■ Block diagram
PIN ASSIGMENT
1 : VDD
2 : RF in
3 : VGG
4 : VDD
5 : RF out
6 : VDD
■ Recommended Bias Circuit
RF in
RF out
GND
GND
1000pF
1000pF
1000pF
1000pF
0.1uF
0.1uF
0.1uF
0.1uF
VDD
VGG
VDD
VDD
Note 1: The capacitors are recommended on the bias supply line, close to the package,
in order to prevent video oscillations which could damage the module.
Note 2: Three pins named VDD are internally connected.
FMM5051VU
Ku band Power Amplifier MMIC


Similar Part No. - FMM5051VU

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5051VF EUDYNA-FMM5051VF Datasheet
117Kb / 4P
   13.75-14.5GHz Power Amplifier MMIC
More results

Similar Description - FMM5051VU

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
   Ku Band Power Amplifier MMIC
FMM5059VF EUDYNA-FMM5059VF Datasheet
202Kb / 16P
   Ku Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1437 ASB-ASX1437 Datasheet
551Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
   Ku / K-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com