Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5054VF Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FMM5054VF
Description  Ku Band Power Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5054VF Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FMM5054VF Datasheet HTML 1Page - Eudyna Devices Inc FMM5054VF Datasheet HTML 2Page - Eudyna Devices Inc FMM5054VF Datasheet HTML 3Page - Eudyna Devices Inc FMM5054VF Datasheet HTML 4Page - Eudyna Devices Inc FMM5054VF Datasheet HTML 5Page - Eudyna Devices Inc FMM5054VF Datasheet HTML 6Page - Eudyna Devices Inc FMM5054VF Datasheet HTML 7Page - Eudyna Devices Inc FMM5054VF Datasheet HTML 8Page - Eudyna Devices Inc FMM5054VF Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
OUTPUT POWER, DRAIN CURRENT vs. INPUT POWER by Drain Current
VDD=7V @ 13.75GHz
VDD=7V @ 14.00GHz
VDD=7V @ 14.25GHz
VDD=7V @ 14.50GHz
Ku band Power Amplifier MMIC
FMM5054VF
20
22
24
26
28
30
32
34
36
38
40
-15
-10
-5
0
5
10
15
Input Power [dBm]
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
- 600mA
- 700mA
- 800mA
20
22
24
26
28
30
32
34
36
38
40
-15
-10
-5
0
5
10
15
Input Power [dBm]
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
- 600mA
- 700mA
- 800mA
20
22
24
26
28
30
32
34
36
38
40
-15
-10
-5
0
5
10
15
Input Power [dBm]
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
- 600mA
- 700mA
- 800mA
20
22
24
26
28
30
32
34
36
38
40
-15
-10
-5
0
5
10
15
Input Power [dBm]
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
- 600mA
- 700mA
- 800mA


Similar Part No. - FMM5054VF

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5051VF EUDYNA-FMM5051VF Datasheet
117Kb / 4P
   13.75-14.5GHz Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5052ZE EUDYNA-FMM5052ZE Datasheet
272Kb / 4P
   MMIC Power Amplifier
FMM5056VF EUDYNA-FMM5056VF Datasheet
318Kb / 8P
   5.8-7.2GHz Power Amplifier MMIC
logo
Fuji Electric
FMM5057VF FUJI-FMM5057VF Datasheet
300Kb / 8P
   7.1-8.5GHz Power Amplifier MMIC
More results

Similar Description - FMM5054VF

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
   Ku Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1436 ASB-ASX1436 Datasheet
916Kb / 20P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5059VF EUDYNA-FMM5059VF Datasheet
202Kb / 16P
   Ku Band Power Amplifier MMIC
EMM5081V1B EUDYNA-EMM5081V1B Datasheet
197Kb / 16P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1437 ASB-ASX1437 Datasheet
551Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
   Ku band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
   Ku-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
   Ku Band Power Amplifier MMIC
January 2017
logo
Eudyna Devices Inc
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
   Ku / K-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
AGN1540 ASB-AGN1540 Datasheet
1Mb / 48P
   Ku Band GaN Power Amplifier MMIC
Sept 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com