Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5702X Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FMM5702X
Description  27-32GHz LNA MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5702X Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FMM5702X Datasheet HTML 1Page - Eudyna Devices Inc FMM5702X Datasheet HTML 2Page - Eudyna Devices Inc FMM5702X Datasheet HTML 3Page - Eudyna Devices Inc FMM5702X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FMM5702X
27-32GHz LNA MMIC
Item
Symbol
Drain-Source Voltage
VDD
5V
Input Power
Pin
-4
dBm
°C
Storage Temperature
-65 to +175
Tstg
Operating Backside Temperature
°C
Top
-45 to +125
Condition
Unit
Rating
ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25
°C)
Fujitsu recommends the following conditions for the long term reliable operation of GaAs FETs:
1. The drain-source operating voltage (VDD) should not exceed 4 volts.
2. This product should be hermetically packaged.
1
Edition 1.0
February 2000
Item
Symbol
Conditions
Unit
Limits
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25
°C)
Input Return Loss
RLin
--
-12
dB
Output Return Loss
RLout
-
-9
-dB
Noise Figure
-
1.6
2.0
dB
NF
Associated Gain
11.0
13.0
-
dB
Gas
VDD = 4V
f = 30.0 GHz
IDD = 5mA (Typ.)
ZS = ZL = 50Ω
Note: RF parameter sample size 10pcs. Criteria (accept/reject)=(0/1)
FEATURES
• Low Noise Figure: NF = 1.6dB (Typ.) @ f=30 GHz
• High Associated Gain: Gas = 13dB (Typ.) @ f=30 GHz
Wide Frequency Band: 27-32 GHz
• Impedance Matched Zin/Zout = 50
DESCRIPTION
The FMM5702X is a LNA MMIC designed for
applications in the 27-32 GHz frequency range.
This product is well suited for satellite communications
and radio link applications where low noise and high
gain is required.


Similar Part No. - FMM5702X

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FMM5701LG FUJITSU-FMM5701LG Datasheet
79Kb / 6P
   LNA MMIC
FMM5701X FUJITSU-FMM5701X Datasheet
150Kb / 4P
   24GHz Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
FMM5703X EUDYNA-FMM5703X Datasheet
886Kb / 4P
   24-32GHz LNA MMIC
FMM5704X EUDYNA-FMM5704X Datasheet
1Mb / 4P
   36-40GHz LNA MMIC
More results

Similar Description - FMM5702X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5703X EUDYNA-FMM5703X Datasheet
886Kb / 4P
   24-32GHz LNA MMIC
FMM5118X EUDYNA-FMM5118X Datasheet
677Kb / 6P
   20-32GHz Doubler MMIC
FMM5116X EUDYNA-FMM5116X Datasheet
831Kb / 4P
   20-32GHz Upconverter MMIC
FMM5117X EUDYNA-FMM5117X Datasheet
639Kb / 4P
   20-32GHz Downconverter MMIC
logo
Fujitsu Component Limit...
FMM5701LG FUJITSU-FMM5701LG Datasheet
79Kb / 6P
   LNA MMIC
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226_17 Datasheet
1Mb / 22P
   MMIC LNA
June 2017
ASL30G ASB-ASL30G_17 Datasheet
1Mb / 22P
   DC MMIC LNA
February 2017
logo
Broadcom Corporation.
DEMO-MGA8756-3 BOARDCOM-DEMO-MGA8756-3 Datasheet
132Kb / 9P
   GaAs MMIC LNA
logo
Advanced Semiconductor ...
ASL226 ASB-ASL226 Datasheet
1Mb / 21P
   700-6000MHz MMIC LNA
September 2012
ASL09C ASB-ASL09C_17 Datasheet
861Kb / 10P
   High Linearity LNA MMIC
April 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com