Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPBHM8T4-L1H Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # MPBHM8T4-L1H
Description  MOLDING TYPE SMD LED LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

MPBHM8T4-L1H Datasheet(HTML) 1 Page - Yellow Stone Corp

  MPBHM8T4-L1H Datasheet HTML 1Page - Yellow Stone Corp MPBHM8T4-L1H Datasheet HTML 2Page - Yellow Stone Corp MPBHM8T4-L1H Datasheet HTML 3Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOLDING TYPE SMD LED LAMPS
Absolute Maximun Ratings
UNIT
SPEC.
IF
mA
30
IFp
mA
120
VR
V
5
Topr
-20~+80
Tstg
-20~+100
Vf (V)
λ(nm)
Iv (mcd)
Part No.
Material
Emitted
Color
Lens
Appearance
Typ.
Max.
λd
λP
Typ.
Viewing
Angle
2 1/2
RSDPM8T1-L1G
AlGaInP
Red
1.90
2.40
631
640
52
OLDPM8T1-L1G
AlGaInP
Orange
1.90
2.40
624
635
67
ALDPM8T1-L1G
AlGaInP
Amber
1.90
2.40
595
600
75
YVDPM8T1-L1E
AlGaInP
Yellow
2.00
2.50
593
595
57
GBDPM8T1-L1G
AlGaInP
Green
2.10
2.60
578
575
37
GEIPM8T1-L1G
InGaN
Green
3.20
3.80
527
525
120
BJJPM8T1-L1H
GaInN
Blue
3.40
4.00
465
460
36
BVEPM8T1-L1C
GaN/SiC
Blue
Water
Clear
4.00
4.50
465
430
8
30˚
GH-5168-L1 Single-Color Series


Similar Part No. - MPBHM8T4-L1H

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
MPB HAMMOND-MPB Datasheet
185Kb / 3P
   Petits bo챤tiers pour boutons-poussoirs en acier doux de type 12
logo
RUBYCON CORPORATION
MPB RUBYCON-MPB Datasheet
150Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MicroPower Direct, LLC
MPB-05S MPD-MPB-05S Datasheet
337Kb / 2P
   Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-03 MPD-MPB-05S-03 Datasheet
337Kb / 2P
   Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-05 MPD-MPB-05S-05 Datasheet
337Kb / 2P
   Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
More results

Similar Description - MPBHM8T4-L1H

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
RSDPM8T1-L1G YSTONE-RSDPM8T1-L1G Datasheet
700Kb / 3P
   MOLDING TYPE SMD LED LAMPS
logo
Fairchild Semiconductor
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
   Molding Type Module
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
FMG2G400US60 FAIRCHILD-FMG2G400US60 Datasheet
568Kb / 7P
   Molding Type Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com