Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDAH28TZ-WBZ Datasheet(PDF) 2 Page - Yellow Stone Corp

Part # WDAH28TZ-WBZ
Description  REFLECTOR COATING TYPE HIGH-PERFORMANCE LEDS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

WDAH28TZ-WBZ Datasheet(HTML) 2 Page - Yellow Stone Corp

  WDAH28TZ-WBZ Datasheet HTML 1Page - Yellow Stone Corp WDAH28TZ-WBZ Datasheet HTML 2Page - Yellow Stone Corp WDAH28TZ-WBZ Datasheet HTML 3Page - Yellow Stone Corp WDAH28TZ-WBZ Datasheet HTML 4Page - Yellow Stone Corp WDAH28TZ-WBZ Datasheet HTML 5Page - Yellow Stone Corp WDAH28TZ-WBZ Datasheet HTML 6Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REFLECTOR COATING TYPE HIGH-PERFORMANCE LEDS
Absolute Maximun Ratings
UNIT
SPEC.
IF
mA
30
IFp
mA
120
VR
V
5
Topr
-20~+80
Tstg
-20~+100
Vf (V)
λ(nm)
Iv (mcd)
Part No.
Material
Emitted Color
Typ.
Max.
λd
λP
Typ.
Viewing
Angle
2 1/2
RSDB24TZ-WPG
AlGaInP
Red
1.90
2.40
631
640
60
OLDB24TZ-WPG
AlGaInP
Orange
1.90
2.40
624
635
77
ALDB24TZ-WPG
AlGaInP
Amber
1.90
2.40
595
600
86
YVDB24TZ-WPE
AlGaInP
Yellow
2.00
2.50
593
595
66
GBDB24TZ-WPG
AlGaInP
Green
2.10
2.60
578
575
43
GEIB24TZ-WPG
InGaN
Green
3.20
3.80
527
525
138
BJJB24TZ-WPH
GaInN
Blue
3.40
4.00
465
460
41
BVEB24TZ-WPC
GaN/SiC
Blue
4.00
4.50
465
430
9
120˚
GH-2024 Series


Similar Description - WDAH28TZ-WBZ

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
94-22UBC EVERLIGHT-94-22UBC Datasheet
98Kb / 6P
   High Performance with Reflector LEDs
94-22UYC EVERLIGHT-94-22UYC Datasheet
102Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC EVERLIGHT-94-22SUBC Datasheet
115Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
94-22SURC-S530 EVERLIGHT-94-22SURC-S530 Datasheet
100Kb / 6P
   High Performance with Reflector LEDs
logo
HK TO-GRACE TECHNOLOGY ...
94-22SUB-S400-XX-S2 TO-GRACE-94-22SUB-S400-XX-S2 Datasheet
486Kb / 6P
   High Performance with Reflector LEDs
logo
Everlight Electronics C...
94-22UYC-S530 EVERLIGHT-94-22UYC-S530 Datasheet
101Kb / 6P
   High Performance with Reflector LEDs
94-22SUGC EVERLIGHT-94-22SUGC Datasheet
99Kb / 6P
   High Performance with Reflector LEDs
logo
Rohm
SML-01 ROHM-SML-01 Datasheet
349Kb / 3P
   High Brightness Type Chip LEDs with reflector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com