Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5820QH Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FMM5820QH
Description  Ka-Band Power Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5820QH Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FMM5820QH Datasheet HTML 1Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 2Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 3Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 4Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 5Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 6Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 7Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 8Page - Eudyna Devices Inc FMM5820QH Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Ka-Band Power Amplifier MMIC
FMM5820QH
16
18
20
22
24
26
28
30
32
34
36
38
-6 -4 -2 0 2 4 6 8 10 1214 1618 2022
Input Power [dBm]
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
3200
3400
8V
7V
6V
5V
Pout
Drain Current
16
18
20
22
24
26
28
30
32
34
36
38
-6 -4 -2 0 2 4 6 8 10 12 14 16 18 20 22
Input Power [dBm]
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
3200
3400
8V
7V
6V
5V
8V
Pout
Drain Current
16
18
20
22
24
26
28
30
32
34
36
38
-6 -4 -2 0 2 4 6 8 10 12 14 16 18 20 22
Input Power [dBm]
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
3200
3400
8V
7V
6V
5V
Pout
Drain Current
Output Power, Drain Current vs.
Input Power by Drain Voltage
IDD(DC)=1500mA, f=29.5GHz
Output Power, Drain Current vs.
Input Power by Drain Voltage
IDD(DC)=1500mA, f=29.75GHz
Output Power, Drain Current vs.
Input Power by Drain Voltage
IDD(DC)=1500mA, f=30.0GHz
30
31
32
33
34
35
36
37
38
45
6
7
8
9
VDD [V]
20
21
22
23
24
25
26
27
28
29.5GHz
29.75GHz
30.0GHz
29 GH
P1dB
G1dB
Output Power, Gain vs. Drain Voltage
IDD(DC)=1500mA


Similar Part No. - FMM5820QH

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
More results

Similar Description - FMM5820QH

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
logo
TriQuint Semiconductor
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517_15 Datasheet
411Kb / 11P
   Ka Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com