Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5822X Datasheet(PDF) 9 Page - Eudyna Devices Inc

Part # FMM5822X
Description  K-Band Power Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5822X Datasheet(HTML) 9 Page - Eudyna Devices Inc

Back Button FMM5822X Datasheet HTML 5Page - Eudyna Devices Inc FMM5822X Datasheet HTML 6Page - Eudyna Devices Inc FMM5822X Datasheet HTML 7Page - Eudyna Devices Inc FMM5822X Datasheet HTML 8Page - Eudyna Devices Inc FMM5822X Datasheet HTML 9Page - Eudyna Devices Inc FMM5822X Datasheet HTML 10Page - Eudyna Devices Inc FMM5822X Datasheet HTML 11Page - Eudyna Devices Inc FMM5822X Datasheet HTML 12Page - Eudyna Devices Inc FMM5822X Datasheet HTML 13Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
K-Band Power Amplifier MMIC
FMM5822X
■S-PARAMETER
VDD=6V, IDD=850mA
Frequency
[GHz]
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.98
-27.0
0.10
43.4
0.00
-106.0
0.99
-44.1
2.0
0.97
-52.2
0.36
-145.5
0.00
-128.4
0.94
-80.3
3.0
0.94
-73.4
0.10
145.9
0.00
-87.5
0.92
-102.7
4.0
0.93
-91.8
0.16
123.0
0.00
-108.9
0.96
-121.7
5.0
0.93
-108.1
0.26
163.1
0.00
-111.3
0.98
-137.4
6.0
0.93
-122.9
0.55
83.8
0.00
-95.4
0.98
-150.8
7.0
0.93
-137.6
0.61
45.3
0.00
-81.8
0.97
-162.1
8.0
0.87
-153.7
0.76
0.4
0.00
-62.2
0.96
-172.0
9.0
0.79
-163.6
0.97
-38.0
0.00
-80.7
0.95
177.9
10.0
0.75
-173.6
1.22
-78.6
0.00
-104.3
0.93
167.5
11.0
0.71
175.2
1.58
-117.2
0.00
-131.4
0.90
156.2
12.0
0.66
162.3
2.16
-157.4
0.00
173.8
0.86
142.7
13.0
0.59
147.3
3.11
158.4
0.00
-42.1
0.79
125.8
14.0
0.50
128.4
4.60
108.1
0.00
-25.2
0.66
103.2
15.0
0.40
103.9
6.75
51.6
0.00
-39.4
0.45
72.4
16.0
0.33
70.4
9.61
-11.8
0.00
-40.1
0.20
25.0
17.0
0.37
16.9
12.43
-82.7
0.01
-48.2
0.13
-93.4
17.1
0.39
11.1
12.66
-89.6
0.01
-47.9
0.14
-104.1
17.2
0.39
4.6
13.01
-97.0
0.01
-53.1
0.15
-112.5
17.3
0.41
-1.2
13.24
-104.4
0.01
-53.3
0.16
-119.7
17.4
0.42
-7.4
13.56
-111.8
0.01
-53.6
0.17
-126.9
17.5
0.43
-12.8
13.78
-119.8
0.01
-59.5
0.19
-132.7
17.6
0.45
-18.9
14.07
-127.1
0.01
-57.0
0.20
-140.4
17.7
0.46
-24.9
14.38
-135.3
0.00
-70.9
0.21
-146.6
17.8
0.48
-30.1
14.50
-143.1
0.01
-67.3
0.21
-153.6
17.9
0.49
-36.5
14.90
-151.0
0.01
-72.1
0.22
-159.3
18.0
0.51
-41.6
14.96
-159.6
0.01
-84.9
0.22
-164.7
18.1
0.52
-47.4
15.18
-167.5
0.01
-78.6
0.23
-170.8
18.2
0.53
-52.5
15.31
-176.4
0.01
-80.5
0.23
-176.3
18.3
0.55
-57.9
15.27
175.8
0.01
-77.5
0.24
178.5
18.4
0.55
-63.4
15.43
166.9
0.01
-83.1
0.24
172.8
18.5
0.57
-68.9
15.25
158.8
0.01
-97.7
0.23
166.8
18.6
0.57
-74.4
15.34
150.6
0.01
-97.8
0.23
160.6
18.7
0.57
-79.3
15.23
141.9
0.01
-101.9
0.22
154.6
18.8
0.58
-85.3
15.22
134.1
0.01
-112.6
0.21
151.1
18.9
0.57
-89.9
15.19
125.4
0.01
-110.9
0.20
144.4
19.0
0.57
-94.9
15.03
116.9
0.01
-114.1
0.19
138.4
19.1
0.57
-100.3
15.02
108.4
0.01
-127.0
0.18
132.5
19.2
0.56
-104.8
14.75
99.5
0.01
-121.8
0.17
126.5
19.3
0.56
-110.0
14.55
91.4
0.00
-141.5
0.16
119.3
19.4
0.54
-115.1
14.36
82.9
0.00
-148.2
0.14
114.1
19.5
0.54
-120.1
14.07
75.0
0.01
-138.9
0.13
109.6
19.6
0.52
-125.2
14.01
66.9
0.00
-158.6
0.11
100.4
19.7
0.51
-130.1
13.78
58.4
0.00
-174.6
0.10
92.9
19.8
0.49
-136.3
13.76
50.5
0.00
155.8
0.08
80.4
19.9
0.47
-141.0
13.64
41.4
0.00
133.3
0.06
70.4
20.0
0.46
-147.8
13.54
33.1
0.00
104.2
0.05
63.2
21.0
0.33
70.0
11.17
-70.5
0.01
-1.2
0.08
15.6
22.0
0.73
-36.9
4.27
174.8
0.01
-60.8
0.37
-24.4
23.0
0.85
-75.1
0.84
90.0
0.00
-81.5
0.61
-68.8
24.0
0.87
-94.6
0.11
45.9
0.00
49.0
0.70
-95.2
25.0
0.87
-107.0
0.02
88.6
0.01
-11.8
0.73
-111.2
26.0
0.87
-115.5
0.02
91.1
0.01
-41.2
0.76
-122.1
27.0
0.87
-122.5
0.02
57.6
0.01
-21.4
0.78
-130.6
28.0
0.86
-127.7
0.02
36.7
0.01
-1.4
0.79
-137.9
29.0
0.86
-131.8
0.02
0.2
0.02
-13.2
0.81
-143.8
30.0
0.87
-135.6
0.02
-20.5
0.02
-30.0
0.83
-149.6
S11
S21
S12
S22


Similar Part No. - FMM5822X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5820QH EUDYNA-FMM5820QH Datasheet
376Kb / 14P
   Ka-Band Power Amplifier MMIC
FMM5820X EUDYNA-FMM5820X Datasheet
777Kb / 13P
   Ka-Band Power Amplifier MMIC
FMM5823X EUDYNA-FMM5823X Datasheet
423Kb / 15P
   K-Band Power Amplifier MMIC
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
More results

Similar Description - FMM5822X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
   K-Band Power Amplifier MMIC
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
   K-Band Power Amplifier MMIC
FMM5823X EUDYNA-FMM5823X Datasheet
423Kb / 15P
   K-Band Power Amplifier MMIC
ESM5804YD EUDYNA-ESM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
EMM5834X EUDYNA-EMM5834X Datasheet
318Kb / 14P
   Ku / K-Band Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5709VZ ETC1-FMM5709VZ Datasheet
207Kb / 12P
   K/ Ka Band Low Noise Amplifier MMIC
FMM5709X ETC1-FMM5709X Datasheet
106Kb / 9P
   K/Ka Band Low Noise Amplifier MMIC
logo
Eudyna Devices Inc
FMM5703VZ EUDYNA-FMM5703VZ Datasheet
208Kb / 12P
   K / Ka Band Low Noise Amplifier MMIC
logo
TriQuint Semiconductor
TGA4532-SM TRIQUINT-TGA4532-SM_15 Datasheet
581Kb / 13P
   K-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com