Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1615-Z Datasheet(PDF) 1 Page - Stanson Technology

Part # 2SA1615-Z
Description  P TYPE TTANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

2SA1615-Z Datasheet(HTML) 1 Page - Stanson Technology

  2SA1615-Z Datasheet HTML 1Page - Stanson Technology 2SA1615-Z Datasheet HTML 2Page - Stanson Technology 2SA1615-Z Datasheet HTML 3Page - Stanson Technology 2SA1615-Z Datasheet HTML 4Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P TYPE TTANSISTORS
2SA1615, 1615-Z
-10A
The 2SA1615 and 1615-Z are available for the large current control in small due to the
low saturation
and are ideal for high-efficiency DC/DC converters due to the fast switching speed.
FEATURE
Large current capacity:
Ic(DC): -10A, Ic(pulse) : -15A
High hFE and low collector saturation voltage :
hFE = 200 MIN (@Vec = -2V, Ic = -0.5A)
VCE(sat) ≦ -0.25V (@Ic = -4.0A, IB = -0.05A)
PIN CONFIGURATION
2SA1615
2SA1615-Z
1.Base 2.Collector 3.Emitter
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to base voltage
VCBO
-30
V
Collector to emitter voltage
VCEO
-20
V
Emitter to base voltage
VEBO
-10
V
Collector current (DC)
Ic (DC)
-10
A
Collector current (pulse)
Ic (pulse)*
-15
A
Base current (DC)
IB (DC)
-0.5
A
Total power dissipation
PT (Ta =25℃)**
1.0
W
Total power dissipation
PT (Tc = 25℃)
15
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55 to +150
*PW ≦ 10ms, duty cycle ≦ 50%
**Printing board mounted
Page 1
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294
FAX: (650) 9389295


Similar Part No. - 2SA1615-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1615-Z NEC-2SA1615-Z Datasheet
118Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SA1615-Z KEXIN-2SA1615-Z Datasheet
41Kb / 1P
   Silicon Power Transistors
logo
Inchange Semiconductor ...
2SA1615-Z ISC-2SA1615-Z Datasheet
240Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - 2SA1615-Z

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N404 NJSEMI-2N404 Datasheet
141Kb / 1P
   JUNCTION TRANSISTOR Germanium p-n-p Alloy Type
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP Datasheet
423Kb / 13P
   P-TYPE LASER DIODE DRIVER
logo
Toshiba Semiconductor
TPC8106-H TOSHIBA-TPC8106-H Datasheet
512Kb / 7P
   SILICON P CHANNEL MOS TYPE
2SJ347 TOSHIBA-2SJ347_07 Datasheet
556Kb / 5P
   Silicon P Channel MOS Type
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_14 Datasheet
742Kb / 15P
   P-TYPE LASER DIODE DRIVER
logo
Ningbo songle relay co....
SLA-12VDC-SL-C SONGLERELAY-SLA-12VDC-SL-C Datasheet
670Kb / 2P
   SIngle-component type 4 P
logo
M/A-COM Technology Solu...
MSS39-XXX-X MA-COM-MSS39-XXX-X Datasheet
685Kb / 5P
   P-Type Silicon Schottky Diodes
logo
Toshiba Semiconductor
2SJ168 TOSHIBA-2SJ168_07 Datasheet
557Kb / 5P
   Silicon P Channel MOS Type
2SJ167 TOSHIBA-2SJ167_07 Datasheet
516Kb / 5P
   Silicon P Channel MOS Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com