Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2304 Datasheet(PDF) 1 Page - Stanson Technology

Part # ST2304
Description  N Channel Enchancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2304 Datasheet(HTML) 1 Page - Stanson Technology

  ST2304 Datasheet HTML 1Page - Stanson Technology ST2304 Datasheet HTML 2Page - Stanson Technology ST2304 Datasheet HTML 3Page - Stanson Technology ST2304 Datasheet HTML 4Page - Stanson Technology ST2304 Datasheet HTML 5Page - Stanson Technology ST2304 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
N Channel Enchancement Mode MOSFET
ST2304
2.5A
DESCRIPTION
The ST2304 is the N-Channel logic enhancement mode power field effect transistor are
produced using high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application such as cellular phone and
notebook computer power management and other batter powered circuits, and low in-line
power loss are needed in a very small outine surface mount package.
PIN CONFIGURATION
SOT-23-3L
1.Gate
2.Source
3.Drain
S: Subcontractor
Y: Year Code
W: Process Code
Page 1
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295
FEATURE
30V/2.5A, RDS(ON) = 70m-ohm
@VGS = 10V
30V/2.0A, RDS(ON) = 105m-ohm
@VGS = 4.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOT-23-3L package design
3
1
2
D
G
S
3
1
2
S04YA


Similar Part No. - ST2304

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ST2304 VBSEMI-ST2304 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Stanson Technology
ST2304SRG STANSON-ST2304SRG Datasheet
630Kb / 6P
   ST2304SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
VBsemi Electronics Co.,...
ST2304SRG VBSEMI-ST2304SRG Datasheet
482Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - ST2304

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST2302 STANSON-ST2302 Datasheet
84Kb / 6P
   N Channel Enchancement Mode MOSFET
ST6006 STANSON-ST6006 Datasheet
201Kb / 8P
   N Channel Enchancement Mode MOSFET
ST2303 STANSON-ST2303 Datasheet
80Kb / 6P
   P Channel Enchancement Mode MOSFET
ST2305 STANSON-ST2305 Datasheet
96Kb / 6P
   P Channel Enchancement Mode MOSFET
ST3403 STANSON-ST3403 Datasheet
148Kb / 7P
   P Channel Enchancement Mode MOSFET
ST2301 STANSON-ST2301 Datasheet
90Kb / 6P
   P Channel Enchancement Mode MOSFET
logo
Supertex, Inc
AN01 SUTEX-AN01 Datasheet
160Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode
AP01 SUTEX-AP01 Datasheet
159Kb / 5P
   8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode?
logo
WOLFSPEED, INC.
C3M0040120J1 WOLFSPEED-C3M0040120J1 Datasheet
982Kb / 11P
   Silicon Carbide Power MOSFET C3MTM MOSFET Technology N-Channel Enchancement Mode
Rev. 0, October 2021
logo
AVAGO TECHNOLOGIES LIMI...
MGA-425P8 AVAGO-MGA-425P8 Datasheet
274Kb / 15P
   GaAs Enchancement-mode PHEMT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com