Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3055CQ Datasheet(PDF) 10 Page - International Rectifier

Part # IRU3055CQ
Description  5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3055CQ Datasheet(HTML) 10 Page - International Rectifier

Back Button IRU3055CQ Datasheet HTML 6Page - International Rectifier IRU3055CQ Datasheet HTML 7Page - International Rectifier IRU3055CQ Datasheet HTML 8Page - International Rectifier IRU3055CQ Datasheet HTML 9Page - International Rectifier IRU3055CQ Datasheet HTML 10Page - International Rectifier IRU3055CQ Datasheet HTML 11Page - International Rectifier IRU3055CQ Datasheet HTML 12Page - International Rectifier IRU3055CQ Datasheet HTML 13Page - International Rectifier IRU3055CQ Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Rev. 1.4
08/13/02
IRU3055
www.irf.com
When the inductor current is large enough, the voltage
across the low side switch is low enough so that the
voltage at OCSet node is below zero and the compara-
tor will flip and trigger a switch to discharge the soft-start
capacitor at a certain slope rate. The system enters into
a hiccup mode. The over current threshold can be set by
resistor RSET. Suppose the current sharing is perfect,
then the current flowing into phase 1 will be one third of
the total output current. The maximum allowed output
current can be represented as:
Where RDS(ON) is the ON resistance of low side MOSFET.
In practice, the RDS(ON) of MOSFET is temperature de-
pendent. The overhead has to be considered. For prac-
tice, over current threshold has to be at least 50% higher
than the nominal current plus ripple. In the demo-board,
the maximum output current is set to be:
For each phase, the maximum current is one third (33A),
assuming good current sharing. The low side of MOSFET
is IRF3711S. The On resistor at 150 degrees is given
from the data sheet:
The over current setting resistor can be set as
IMAX = 160
mA 3 RSET / (RDS(ON)/3)
RSET = IMAX
3RDS(ON)/3/160mA
---(3)
IMAX = (1+50%)
3IOUT = 1.5360A = 90A
Consider ripple current, select IMAX=100A
RDS(ON) = 1.5
36mV = 9mV
RSET = 33A
3 0.009/160mA = 1.86K
Select RSET = 2.2K
Fs
≅ 7500/Rt
---(5)
Where Rt is in K
V and Fs is in KHz.
Rt
≅ 7500/150 = 50KV
10
mA3tSTART/Css = VSET+0.7V
tSTART = (VSET+0.7V)
3Css/10mA
---(4)
Where:
Css is the soft-start capacitor (
mF).
VSET is the voltage from DAC and equal to the de-
sired output voltage.
Over Voltage Protection
The Fb pin is connected to the output voltage. An over-
voltage condition is detected when the voltage at Fb pin
is 15% higher than the programmed voltage by DAC.
When the overvoltage occurs, the soft-start capacitor is
discharged. The high side MOSFETs are turned off and
the low side MOSFETs are turned on. As a result, the
low side MOSFET of synchronous rectifier conduct and
shunt the output voltage to ground and protect the load.
In the meantime, the PGood pin is held to low.
Soft-Start
The IRU3055 has a soft-start function to limit the current
surge at the start-up. An external capacitor which is
charged by a 10
mA internal current source is used to
program the soft-start timing. The voltage of the external
capacitor linearly increases, which forces the output volt-
age to go up linearly until the voltage at soft-start reaches
the desired voltage. The following equation can be used
to calculate the start up time.
For a 7.5ms start-up time and 1.5V output, the required
capacitor will be 33nF.
Operation Frequency Selection
The operation switching frequency is determined by an
external resistor (Rt). The switching frequency is approxi-
mately inversely proportioned to resistance (see Fig.10).
The switching frequency can also be estimated by:
For example, if the 150KHz switching frequency is se-
lected, the required Rt is calculated as:
Figure 10 - The operation frequency vs. Rt.
Figure 9 - Operation waveforms at short circuit.
(Hiccup mode)
Ch1: Input current, 5A/div.
Ch2: Phase 1 inductor current, 10A/div.
Ch3: Soft-start capacitor voltage, 5V/div.
Ch4: Output voltage, 2V/div.
Frequency versus Rt
0
100
200
300
400
500
0
10
20
30
40
50
60
70
Rt(KV)
frequency


Similar Part No. - IRU3055CQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3055CQ IRF-IRU3055CQ Datasheet
27Kb / 2P
   POWER MANAGEMENT CHIPSET FOR 3-PHASE VRM 9.0 CONVERTERS
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
More results

Similar Description - IRU3055CQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
logo
UNISEM
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3011 IRF-IRU3011 Datasheet
77Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
Analog Devices
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
   5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com