Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFOJ3385B5 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EFOJ3385B5
Description  eramic Resonators, Chip Type (Built-In Capacitors Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EFOJ3385B5 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EFOJ3385B5 Datasheet HTML 1Page - Panasonic Semiconductor EFOJ3385B5 Datasheet HTML 2Page - Panasonic Semiconductor EFOJ3385B5 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
n Test Circuits Diagram
Frequency
IC
2.00 to 8.38 MHz
µPD 4069UBC
8.4 to 50 MHz
µPD 74HCU04
Type S
Type B
Type J
a
2.5
1.9
1.7
b
0.9 to 1.2
1.2
0.8 to 1.0
c
3.8 to 4.7
4.2
4.2 to 5.1
d
Ñ
Ñ
1.0 to 1.2
n Typical Characteristics
n Recommended Land Dimensions
n Packaging Specifications
Supplied in bulk or taped & reel packing style
l Standard Packing Quantity
Type
Embossed Taping
Bulk
S
2500 pcs./reel
500 pcs./bag
B,J
1000 pcs./reel
500 pcs./bag
l Dimensions for Reel in mm (not to scale)
Dim.
fA
fBC
D
E
(mm)
330±5 80 min. 13.0±0.5 21.0±0.8 2.0±0.5
Dim.
W
T
t
r
(mm)
16.4
22.4 max. 3 max.
1.0
+2.0
0
Temperature Characteristics
(Type S,B,J)
(mm)
[Type S]
Dim.
fA
fBC
D
E
(mm)
180±5 60 min. 13.0±0.5 21.0±0.8 2.0±0.5
Dim.
W
T
t
r
(mm)
12.4
18.4 max. 3 max.
1.0
+2.0
0
[Type B,J]
Ceramic Resonators (Chip Type)


Similar Part No. - EFOJ3385B5

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
EFOJ3584B0 AEL-EFOJ3584B0 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
EFOJ3584B0 AEL-EFOJ3584B0 Datasheet
166Kb / 1P
   Chip Ceramic Resonators Built-In Capacitors
EFOJ3584B3 AEL-EFOJ3584B3 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
EFOJ3584B3 AEL-EFOJ3584B3 Datasheet
166Kb / 1P
   Chip Ceramic Resonators Built-In Capacitors
EFOJ3584B5 AEL-EFOJ3584B5 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
More results

Similar Description - EFOJ3385B5

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
EFOS3584B5 AEL-EFOS3584B5 Datasheet
166Kb / 1P
   Chip Ceramic Resonators Built-In Capacitors
logo
Panasonic Semiconductor
EFO-P3584E5 PANASONIC-EFO-P3584E5 Datasheet
246Kb / 4P
   Ceramic Resonators, Chip Type
logo
Abracon Corporation
AWSZTMGS-T ABRACON-AWSZTMGS-T Datasheet
390Kb / 3P
   HIGH FREQUENCY, WITHOUT BUILT-IN CAPACITORS SMD WASHABLE CERAMIC RESONATORS
Rev. B 01/2003
logo
Omron Electronics LLC
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
   Built-in Photomicrosensor Connector Type
logo
List of Unclassifed Man...
DSX321G ETC-DSX321G Datasheet
78Kb / 1P
   SMD Type Crystal Resonators
DSX531S ETC2-DSX531S Datasheet
95Kb / 1P
   SMD Type Crystal Resonators
logo
AVX Corporation
PBRC-B AVX-PBRC-B Datasheet
130Kb / 2P
   Built-in Capacitor MHz Band SMT Resonators
logo
NEC
FA4A4M NEC-FA4A4M Datasheet
685Kb / 22P
   RESISTOR BUILT-IN TYPE NPN TRANSISTOR
FN4F4M NEC-FN4F4M Datasheet
327Kb / 22P
   RESISTOR BUILT-IN TYPE PNP TRANSISTOR
GN4A4Z NEC-GN4A4Z Datasheet
322Kb / 22P
   RESISTOR BUILT-IN TYPE PNP TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com