Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R4008C1C-C10 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6R4008C1C-C10
Description  512Kx8 Bit High Speed Static RAM(5V Operating). Operated at Extended and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4008C1C-C10 Datasheet(HTML) 1 Page - Samsung semiconductor

  K6R4008C1C-C10 Datasheet HTML 1Page - Samsung semiconductor K6R4008C1C-C10 Datasheet HTML 2Page - Samsung semiconductor K6R4008C1C-C10 Datasheet HTML 3Page - Samsung semiconductor K6R4008C1C-C10 Datasheet HTML 4Page - Samsung semiconductor K6R4008C1C-C10 Datasheet HTML 5Page - Samsung semiconductor K6R4008C1C-C10 Datasheet HTML 6Page - Samsung semiconductor K6R4008C1C-C10 Datasheet HTML 7Page - Samsung semiconductor K6R4008C1C-C10 Datasheet HTML 8Page - Samsung semiconductor K6R4008C1C-C10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
K6R4008C1C-C, K6R4008C1C-E, K6R4008C1C-I CMOS SRAM
PRELIMINARY
Rev 4.0
- 1 -
September 2001
Document Title
512Kx8 Bit High Speed Static RAM(5V Operating).
Operated at Extended and Industrial Temperature Ranges.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
RevNo.
Rev. 0.0
Rev. 1.0
Rev. 2.0
Rev. 3.0
Rev.4.0
Remark
Preliminary
Preliminary
Preliminary
Final
Final
History
Initial release with Preliminary.
1.1 Removed Low power Version.
1.2 Removed Data Retention Characteristics.
1.3 Changed ISB1 to 20mA
2.1 Relax D.C parameters.
2.2 Relax Absolute Maximum Rating.
3.1 Delete Preliminary
3.2 Update D.C parameters and 10ns part.
3.3 Added Extended temperature range
Delete 20ns speed bin
Item
Previous
Current
ICC
12ns
170mA
195mA
15ns
165mA
190mA
20ns
160mA
185mA
Item
Previous
Current
Voltage on Any Pin Relative to Vss
-0.5 to 7.0
-0.5 to Vcc+0.5
Previous
Current
ICC
Isb
Isb1
ICC
Isb
Isb1
10ns
-
70mA
20mA
170mA
60mA
10mA
12ns
195mA
160mA
15ns
190mA
150mA
20ns
185mA
140mA
Draft Data
Feb. 12. 1999
Mar. 29. 1999
Aug. 19. 1999
Mar. 27. 2000
Sep. 24. 2001


Similar Part No. - K6R4008C1C-C10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
K6R4008C1D-J SAMSUNG-K6R4008C1D-J Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008C1D-JC SAMSUNG-K6R4008C1D-JC Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4008C1D-JC0810 SAMSUNG-K6R4008C1D-JC0810 Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
More results

Similar Description - K6R4008C1C-C10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com