Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-115VEYW Datasheet(PDF) 3 Page - Kingbright Corporation

Part # L-115VEYW
Description  T-1(3mm) BI-COLOR INDICATOR LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-115VEYW Datasheet(HTML) 3 Page - Kingbright Corporation

  L-115VEYW Datasheet HTML 1Page - Kingbright Corporation L-115VEYW Datasheet HTML 2Page - Kingbright Corporation L-115VEYW Datasheet HTML 3Page - Kingbright Corporation L-115VEYW Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: KDA0318
REV NO: V.1
DATE: SEP/18/2001
PAGE: 3 OF 4
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
High Efficiency Red / Green L-115VEGW


Similar Part No. - L-115VEYW

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-11500 RHOMBUS-IND-L-11500 Datasheet
26Kb / 1P
   Low Power Inductors
L-11501 RHOMBUS-IND-L-11501 Datasheet
26Kb / 1P
   Low Power Inductors
L-11502 RHOMBUS-IND-L-11502 Datasheet
26Kb / 1P
   Low Power Inductors
L-11503 RHOMBUS-IND-L-11503 Datasheet
26Kb / 1P
   Low Power Inductors
L-11504 RHOMBUS-IND-L-11504 Datasheet
26Kb / 1P
   Low Power Inductors
More results

Similar Description - L-115VEYW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-937 KINGBRIGHT-L-937 Datasheet
186Kb / 6P
   T-1(3MM) BI-COLOR INDICATOR LAMPS
L3VEGW KINGBRIGHT-L3VEGW Datasheet
131Kb / 4P
   T-1 (3mm) BI-COLOR INDICATOR LAMPS
L937ID KINGBRIGHT-L937ID Datasheet
175Kb / 6P
   T-1(3MM) BI-COLOR INDICATOR LAMPS
L-469 KINGBRIGHT-L-469 Datasheet
145Kb / 5P
   T-1 (3mm) BI-COLOR INDICATOR LAMPS
L3WEGW KINGBRIGHT-L3WEGW Datasheet
125Kb / 4P
   T-1(3mm) BI-COLOR INDICATOR LAMPS
L469EGW KINGBRIGHT-L469EGW Datasheet
146Kb / 5P
   T-1 BI COLOR INDICATOR LAMPS
WP115WGYW KINGBRIGHT-WP115WGYW Datasheet
461Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP3VEGW KINGBRIGHT-WP3VEGW Datasheet
463Kb / 7P
   T-1(3mm) BI-COLOR INDICATOR LAMP
W115VEGW KINGBRIGHT-W115VEGW Datasheet
177Kb / 3P
   T-1(3mm) BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LUGR92M SUNLED-LUGR92M Datasheet
214Kb / 5P
   T-1(3mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com