Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4952 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4952
Description  3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4952 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4952 Datasheet HTML 1Page - National Semiconductor (TI) LM4952 Datasheet HTML 2Page - National Semiconductor (TI) LM4952 Datasheet HTML 3Page - National Semiconductor (TI) LM4952 Datasheet HTML 4Page - National Semiconductor (TI) LM4952 Datasheet HTML 5Page - National Semiconductor (TI) LM4952 Datasheet HTML 6Page - National Semiconductor (TI) LM4952 Datasheet HTML 7Page - National Semiconductor (TI) LM4952 Datasheet HTML 8Page - National Semiconductor (TI) LM4952 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (pin 6, referenced
to GND, pins 4 and 5)
18.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
pins 4, 6, and 7
−0.3V to V
DD + 0.3V
pins 1, 2, 3, 8, and 9
−0.3V to 9.5V
Power Dissipation (Note 3)
Internally limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JC (TS)
4˚C/W
θ
JA (TS) (Note 3)
20˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
9.6V
≤ V
DD
≤ 16V
Electrical Characteristics V
DD = 12V (Notes 1, 2)
The following specifications apply for V
DD = 12V, AV = 20dB (nominal), RL =4
Ω, and T
A = 25˚C unless otherwise noted.
Symbol
Parameter
Conditions
LM4952
Units
(Limits)
Typical
(Note 6)
Limit
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A, No Load
18
35
mA (max)
I
SD
Shutdown Current
V
SHUTDOWN = GND (Note 9)
55
85
µA (max)
R
IN
Amplifier Input Resistance
V
DC VOL =VDD/2
44
k
V
DC VOL = GND
200
k
V
IN
Amplifier Input Signal
V
DD/2
V
p-p (max)
V
SDIH
Shutdown Voltage Input High
2.0
V
DD/2
V (min)
V (max)
V
SDIL
Shutdown Voltage Input Low
0.4
V (max)
T
WU
Wake-up Time
C
B = 4.7µF
440
ms
TSD
Thermal Shutdown Temperature
170
˚C
P
O
Output Power
f = 1kHz,
THD+N = 1%
THD+N = 10%
3.1
3.8
2.8
W (min)
THD+N
Total Harmomic Distortion + Noise
P
O = 2.0Wrms, f = 1kHz
0.08
%
e
OS
Output Noise
A-Weighted Filter, V
IN = 0V,
Input Referred
8µV
X
TALK
Channel Separation
f
IN = 1kHz, PO = 1W,
Input Referred
R
L =8
R
L =4
78
72
dB
PSRR
Power Supply Rejection Ratio
V
RIPPLE = 200mVp-p, f = 1kHz,
Input Referred
89
80
dB (min)
I
OL
Output Current Limit
V
IN = 0V, RL = 500m
5A
www.national.com
3


Similar Part No. - LM4952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4952 TI-LM4952 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4952TS/NOPB TI-LM4952TS/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4952TSX/NOPB TI-LM4952TSX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
More results

Similar Description - LM4952

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
[Old version datasheet]   Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com