Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB30H30CT-1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MBRB30H30CT-1G
Description  SWITCHMODE Power Rectifier 30 V, 30 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB30H30CT-1G Datasheet(HTML) 5 Page - ON Semiconductor

  MBRB30H30CT-1G Datasheet HTML 1Page - ON Semiconductor MBRB30H30CT-1G Datasheet HTML 2Page - ON Semiconductor MBRB30H30CT-1G Datasheet HTML 3Page - ON Semiconductor MBRB30H30CT-1G Datasheet HTML 4Page - ON Semiconductor MBRB30H30CT-1G Datasheet HTML 5Page - ON Semiconductor MBRB30H30CT-1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MBRB30H30CT−1
http://onsemi.com
5
MERCURY
SWITCH
VD
ID
DUT
10 mH COIL
+VDD
IL
S1
BVDUT
IL
ID
VDD
t0
t1
t2
t
Figure 9. Test Circuit
Figure 10. Current−Voltage Waveforms
The unclamped inductive switching circuit shown in
Figure 9 was used to demonstrate the controlled avalanche
capability of this device. A mercury switch was used instead
of an electronic switch to simulate a noisy environment
when the switch was being opened.
When S1 is closed at t0 the current in the inductor IL ramps
up linearly; and energy is stored in the coil. At t1 the switch
is opened and the voltage across the diode under test begins
to rise rapidly, due to di/dt effects, when this induced voltage
reaches the breakdown voltage of the diode, it is clamped at
BVDUT and the diode begins to conduct the full load current
which now starts to decay linearly through the diode, and
goes to zero at t2.
By solving the loop equation at the point in time when S1
is opened; and calculating the energy that is transferred to
the diode it can be shown that the total energy transferred is
equal to the energy stored in the inductor plus a finite amount
of energy from the VDD power supply while the diode is in
breakdown (from t1 to t2) minus any losses due to finite
component resistances. Assuming the component resistive
elements are small Equation (1) approximates the total
energy transferred to the diode. It can be seen from this
equation that if the VDD voltage is low compared to the
breakdown voltage of the device, the amount of energy
contributed by the supply during breakdown is small and the
total energy can be assumed to be nearly equal to the energy
stored in the coil during the time when S1 was closed,
Equation (2).
W
AVAL [
1
2
LI
2
LPK
BV
DUT
BV
DUT
–V
DD
W
AVAL [
1
2
LI
2
LPK
EQUATION (1):
EQUATION (2):


Similar Part No. - MBRB30H30CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G Datasheet
59Kb / 6P
   SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G Datasheet
89Kb / 8P
   SWITCHMODE??Power Rectifiers
October, 2007 - Rev. 3
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
MBRB30H30CT-1G ONSEMI-MBRB30H30CT-1G_15 Datasheet
101Kb / 7P
   Switch-mode Power Rectifiers
January, 2015 ??Rev. 6
More results

Similar Description - MBRB30H30CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H30CT-1 ONSEMI-MBRB30H30CT-1_07 Datasheet
59Kb / 6P
   SWITCHMODE Power Rectifier 30 V, 30 A
March, 2007 ??Rev. 1
MBR30H80CT ONSEMI-MBR30H80CT Datasheet
113Kb / 6P
   SWITCHMODE??Power Rectifier 80 V, 30 A
February, 2009 ??Rev. 2
MBRB30H60CT-1 ONSEMI-MBRB30H60CT-1 Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
   SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBR30L45CTG ONSEMI-MBR30L45CTG Datasheet
138Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 30 A
January, 2010 ??Rev. 2
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBRF30H150CTG ONSEMI-MBRF30H150CTG Datasheet
92Kb / 6P
   SWITCHMODE??Power Rectifier 150 V, 30 A
October, 2007 - Rev. 0
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
logo
NTE Electronics
NTE6246 NTE-NTE6246 Datasheet
20Kb / 2P
   Ultrafast Switchmode Power Rectifier, 30 Amp
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
   100 V, 30 A power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com