Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC20A Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 1.5SMC20A
Description  GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 91 Volts 1500 Watts Peak Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

1.5SMC20A Datasheet(HTML) 1 Page - DB Lectro Inc

  1.5SMC20A Datasheet HTML 1Page - DB Lectro Inc 1.5SMC20A Datasheet HTML 2Page - DB Lectro Inc 1.5SMC20A Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNI-
POLAR
BI-
POLAR
1.5SMC
6.8A
6V8A
6V8C
5.80
6.45
7.14
10
10.5
143.0
1000
1.5SMC
7.5A
7V5A
7V5C
6.40
7.13
7.88
10
11.3
133.0
500
1.5SMC
8.2A
8V2A
8V2C
7.02
7.79
8.61
10
12.1
124.0
200
1.5SMC
9.1A
9V1A
9V1C
7.78
8.65
9.50
1
13.4
112.0
50
1.5SMC
10A
10A
10C
8.55
9.50
10.50
1
14.5
103.0
10
1.5SMC
11A
11A
11C
9.40
10.50
11.60
1
15.6
96.2
5
1.5SMC
12A
12A
12C
10.20
11.40
12.60
1
16.7
89.8
5
1.5SMC
13A
13A
13C
11.10
12.40
13.70
1
18.2
82.4
5
1.5SMC
15A
15A
15C
12.80
14.30
15.80
1
21.2
70.8
5
1.5SMC
16A
16A
16C
13.60
15.20
16.80
1
22.5
66.7
5
1.5SMC
18A
18A
18C
15.30
17.10
18.90
1
25.2
59.5
5
1.5SMC
20A
20A
20C
17.10
19.00
21.00
1
27.7
54.2
5
1.5SMC
22A
22A
22C
18.80
20.90
23.10
1
30.6
49.0
5
1.5SMC
24A
24A
24C
20.50
22.80
25.20
1
33.2
45.2
5
1.5SMC
27A
27A
27C
23.10
25.70
28.40
1
37.5
40.0
5
1.5SMC
30A
30A
30C
25.60
28.50
31.50
1
41.4
36.2
5
1.5SMC
33A
33A
33C
28.20
31.40
34.70
1
45.7
32.8
5
1.5SMC
36A
36A
36C
30.80
34.20
37.80
1
49.9
30.1
5
1.5SMC
39A
39A
39C
33.30
37.10
41.00
1
53.9
27.8
5
1.5SMC
43A
43A
43C
36.80
40.90
45.20
1
59.3
25.3
5
1.5SMC
47A
47A
47C
40.20
44.70
49.40
1
64.8
23.1
5
1.5SMC
51A
51A
51C
43.60
48.50
53.60
1
70.1
21.4
5
1.5SMC
56A
56A
56C
47.80
53.20
58.80
1
77.0
19.5
5
1.5SMC
62A
62A
62C
53.00
58.90
65.10
1
85.0
17.6
5
1.5SMC
68A
68A
68C
58.10
64.60
71.40
1
92.0
16.3
5
1.5SMC
75A
75A
75C
64.10
71.30
78.80
1
103.0
14.6
5
1.5SMC
82A
82A
82C
70.10
77.90
86.10
1
113.0
13.3
5
1.5SMC
91A
91A
91C
77.80
86.50
95.50
1
125.0
12.0
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR(µA)
1.5SMC
PART
NUMBER
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
MARKING
CODE
TEST
CURRENT
IT (mA)
1.5SMC SERIES
GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 6.8 to 91 Volts
1500 Watts Peak Power
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - 1.5SMC20A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC20A CENTRAL-1.5SMC20A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Bourns Electronic Solut...
1.5SMC20A BOURNS-1.5SMC20A Datasheet
377Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
MDE Semiconductor, Inc.
1.5SMC20A MDE-1.5SMC20A Datasheet
169Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nantong Hornby Electron...
1.5SMC20A HORNBY-1.5SMC20A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
1.5SMC20A VISHAY-1.5SMC20A Datasheet
103Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - 1.5SMC20A

ManufacturerPart #DatasheetDescription
logo
StarHope
1.5KE SPSEMI-1.5KE Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Pan Jit International I...
1.5KE PANJIT-1.5KE_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Microdiode Electronics ...
P6KE6.8 CHENDA-P6KE6.8 Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
P4KE6.8 CHENDA-P4KE6.8 Datasheet
838Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power400 Watts
logo
Central Semiconductor C...
15SMC68CA CENTRAL-15SMC68CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
15SMC68A CENTRAL-15SMC68A Datasheet
146Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
DB Lectro Inc
1.5KE DBLECTRO-1.5KE Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com