Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA7572F-20 Datasheet(PDF) 3 Page - Anachip Corp

Part # PA7572F-20
Description  Programmable Electrically Erasable Logic Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PA7572F-20 Datasheet(HTML) 3 Page - Anachip Corp

  PA7572F-20 Datasheet HTML 1Page - Anachip Corp PA7572F-20 Datasheet HTML 2Page - Anachip Corp PA7572F-20 Datasheet HTML 3Page - Anachip Corp PA7572F-20 Datasheet HTML 4Page - Anachip Corp PA7572F-20 Datasheet HTML 5Page - Anachip Corp PA7572F-20 Datasheet HTML 6Page - Anachip Corp PA7572F-20 Datasheet HTML 7Page - Anachip Corp PA7572F-20 Datasheet HTML 8Page - Anachip Corp PA7572F-20 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
3/10
Sum-A = D, T, J or Sum-A
Sum-B = Preset, K or Sum-B
Sum-C = Reset, Clock, Sum-C
Sum-D = Clock, Output Enable, Sum-D
D
R
P
Q
D Register
Q = D after clocked
Best for storage, sim ple counters,
shifters and state m achines w ith
few hold (loop) conditions.
T
R
P
Q
T Register
Q toggles w hen T = 1
Q holds
w hen T = 0
Best for w ide binary counters (saves
product term s) and state m achines
w ith m any hold (loop) conditions.
JK Register
Q toggles w hen J/K = 1/1
Q holds
w hen J/K = 0/0
Q = 1
w hen J/K = 1/0
Q = 0
w hen J/K = 0/1
Com bines features of both D and T
registers.
J
R
P
Q
K
08-15-005A
Figure 5. LCC Register Types
SUM-A can serve as the D, T, or J input of the register or a
combinatorial path. SUM-B can serve as the K input, or the
preset to the register, or a combinatorial path. SUM-C can
be the clock, the reset to the register, or a combinatorial
path. SUM-D can be the clock to the register, the output
enable for the connected I/O cell, or an internal feedback
node. Note that the sums controlling clocks, resets, presets
and output enables are complete sum-of-product functions,
not just product terms as with most other PLDs. This also
means that any input or I/O pin can be used as a clock or
other control function.
Several signals from the global cell are provided primarily
for synchronous (global) register control. The global cell
signals are routed to all LCCs. These signals include a
high-speed clock of positive or negative polarity, global
preset and reset, and a special register-type control that
selectively allows dynamic switching of register type. This
last feature is especially useful for saving product terms
when implementing loadable counters and state machines
by dynamically switching from D-type registers to load and
T-type registers to count (see Figure 9).
Multiple Outputs Per Logic Cell
An important feature of the logic control cell is its capability
to have multiple output functions per cell, each operating
independently. As shown in Figure 4, two of the three
outputs can select the Q output from the register or the
Sum A, B or C combinatorial paths. Thus, one LCC output
can be registered, one combinatorial and the third, an output
enable, or an additional buried logic function. The multi-
function PEEL™ Array logic cells are equivalent to two or
three macrocells of other PLDs, which have one output per
cell. They also allow registers to be truly buried from I/O pins
without limiting them to input-only (see Figure 8 & Figure 9).
I/O Cell (IOC)
Input Cell (INC)
REG/
Latch
Q
MUX
Input
To
Array
Input Cell Clock
From Global Cell
MUX
From
Logic
Control
Cell
A,B,C
or
Q
MUX
MUX
1 0
D
I/O Pin
MUX
To
Array
REG/
Latch
Q
Input Cell Clock
From Global Cell
Input
Input
08-15-006A
Figure 6. Input and I/O Cell Block Diagrams
IOC/INC Register
Q = D after rising edge of clock
holds until next rising edge
IOC/INC Latch
Q = L w hen clock is high
holds value w hen clock is low
LQ
D
Q
08-15-007A
Figure 7. IOC/INC Register Configurations


Similar Part No. - PA7572F-20

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA75 APEX-PA75 Datasheet
337Kb / 4P
   DUAL POWER OPERATIONAL AMPLIFIERS
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
   Dual Power Operational Amplifiers
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
More results

Similar Description - PA7572F-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA7024 ETC-PA7024 Datasheet
427Kb / 6P
   Programmable Electrically Erasable Logic Array
logo
Anachip Corp
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
   PA7540 PEEL Array Programmable Electrically Erasable Logic Array
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com