Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66235 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M66235
Description  STANDARD CLOCK GENERATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66235 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M66235 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66235 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66235 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66235 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66235 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
MITSUBISHI
〈DIGITAL ASSP〉
M66235FP
STANDARD CLOCK GENERATOR
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Storage temperature
Unit
V
V
V
mW
°C
Ratings
–0.5 ~ +7.0
–0.5 ~ VCC +0.5
–0.5 ~ VCC +0.5
750
–65 ~ 150
Symbol
VCC
VI
VO
Pd
Tstg
ABSOLUTE MAXIMUM RATINGS
Conditions
When mounted
Max
5.25
VCC
VCC
70
Unit
V
V
V
V
°C
Typ
5
0
Min
4.75
0
0
0
Parameter
Supply voltage
Supply voltage
Input voltage
Output voltage
Operating temperature
Symbol
VCC
GND
VI
VO
Topr
Limits
RECOMMENDED OPERATING CONDITIONS (Ta = 0 ~ 70
°C unless otherwise noted)
Unit
V
V
V
V
V
V
µA
mA
µA
µA
pF
Max
0.8
0.2
× VCC
0.55
50
130
+1
–1
10
Limits
Test conditions
TR
CLK IN
GND = 0V, IOH = –4mA
GND = 0V, IOL = 4mA
GND = 0V,
VI = VCC or GND
GND = 0V, fIN = 52MHz,
VI = VCC or GND
GND = 0V, VI = VCC
GND = 0V, VI = 0V
Parameter
“H” input voltage
“L” input voltage
“H” input voltage
“L” input voltage
“H” output voltage
“L” output voltage
Supply current (static)
Supply current (active)
“H” input current
“L” input current
Input capacitance
Symbol
VIH
VIL
VIH
VIL
VOH
VOL
ICC (s)
ICC (a)
IIH
IIL
CI
ELECTRICAL CHARACTERISTICS (Ta = 0 ~ 70
°C, VCC = 5V ±5%, GND = 0V)
Typ
Min
2
0.8
× VCC
VCC – 0.8
Limits
Test conditions
Parameter
Clock input frequency
Clock input duty
Trigger input “H” pulse width
Clock input rise time
Clock input fall time
Symbol
fIN
fDUTY
tw(TR)
tr
tf
TIMING REQUIREMENTS (Ta = 0 ~ 70
°C, VCC = 5V ±5%, GND = 0V)
Max
52
60
5
5
Unit
MHz
%
ns
ns
ns
Typ
Min
25
40
200


Similar Part No. - M66235

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66235FP RENESAS-M66235FP Datasheet
1Mb / 6P
   STANDARD CLOCK GENERATOR
More results

Similar Description - M66235

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66235FP RENESAS-M66235FP Datasheet
1Mb / 6P
   STANDARD CLOCK GENERATOR
M66236FP RENESAS-M66236FP Datasheet
1Mb / 6P
   STANDARD CLOCK GENERATOR
logo
Mitsubishi Electric Sem...
M66236FP MITSUBISHI-M66236FP Datasheet
57Kb / 5P
   STANDARD CLOCK GENERATOR
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
   Standard Clock Generator with PLL Frequency Synthesizer
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
   STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com