Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5951ETJ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5951ETJ
Description  12V/5V Input Buck PWM Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5951ETJ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5951ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX5951ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX5951ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX5951ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX5951ETJ Datasheet HTML 9Page - Maxim Integrated Products MAX5951ETJ Datasheet HTML 10Page - Maxim Integrated Products MAX5951ETJ Datasheet HTML 11Page - Maxim Integrated Products MAX5951ETJ Datasheet HTML 12Page - Maxim Integrated Products MAX5951ETJ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
12V/5V Input Buck PWM Controller
_______________________________________________________________________________________
9
EFFICIENCY vs. LOAD CURRENT
ILOAD (A)
0.8
0.6
0.4
0.2
10
20
30
40
50
60
70
80
90
100
0
01.0
VPWM_IN = 12V
VPWM_IN = 16V
VOUT = 3.3V
VPWM_IN = 5V
VPWM_IN = 8V
EFFICIENCY vs. LOAD CURRENT
ILOAD (A)
0.8
0.6
0.4
0.2
10
20
30
40
50
60
70
80
90
100
0
01.0
VPWM_IN = 12V
VPWM_IN = 16V
VOUT = 2.5V
VPWM_IN = 5V
VPWM_IN = 8V
EFFICIENCY vs. LOAD CURRENT
ILOAD (A)
2.0
1.5
1.0
0.5
10
20
30
40
50
60
70
80
90
100
0
0
2.5
VIN = 12V
VIN = 16V
VOUT = 1.2V
VIN = 5V
VIN = 8V
LOAD-TRANSIENT RESPONSE
MAX5951 toc23
400
µs/div
IOUT1
1A/div
VOUT1
50mV/div
AC-COUPLED
LOAD-TRANSIENT RESPONSE
MAX5951 toc24
400
µs/div
IOUT1
1A/div
1.25A
0A
VOUT1
20mV/div
AC-COUPLED
Typical Operating Characteristics (continued)
(Typical Operating Circuits. VIN = 12V or VIN = VREG = 5V, VDREG = VREG, VPGND = 0V, VSYNCIN = 0V, RRT = 49.9k
Ω, RILIM = 48.7kΩ,
CREG = 2.2µF, TA = +25°C.)


Similar Part No. - MAX5951ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5950ETJ MAXIM-MAX5950ETJ Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
MAX5952 MAXIM-MAX5952 Datasheet
1,012Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 1; 1/10
MAX5952AEAX++ MAXIM-MAX5952AEAX+ Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
More results

Similar Description - MAX5951ETJ

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5201 GMT-G5201 Datasheet
88Kb / 1P
   5V/12V Input Voltage-Mode Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com