Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP540B Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # SBFP540B
Description  UHF to C Band Low Noise Amplifier, Oscillation Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP540B Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button SBFP540B Datasheet HTML 4Page - Sanyo Semicon Device SBFP540B Datasheet HTML 5Page - Sanyo Semicon Device SBFP540B Datasheet HTML 6Page - Sanyo Semicon Device SBFP540B Datasheet HTML 7Page - Sanyo Semicon Device SBFP540B Datasheet HTML 8Page - Sanyo Semicon Device SBFP540B Datasheet HTML 9Page - Sanyo Semicon Device SBFP540B Datasheet HTML 10Page - Sanyo Semicon Device SBFP540B Datasheet HTML 11Page - Sanyo Semicon Device SBFP540B Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SBFP540B
No.7436-8/15
S Parameters (Common emitter)
VCE=1V, IC=20mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.587
--51.2
35.662
147.2
0.015
78.8
0.861
--28.1
400
0.520
--86.8
27.656
125.2
0.026
60.1
0.680
--47.3
600
0.474
--110.1
20.843
111.0
0.033
56.2
0.544
--59.5
800
0.454
--127.6
16.603
101.4
0.038
54.9
0.448
--68.2
1000
0.437
--140.1
13.485
92.9
0.043
53.2
0.380
--74.7
1200
0.428
--150.4
11.364
87.2
0.049
53.1
0.328
--80.4
1400
0.416
--158.3
9.812
82.3
0.055
52.2
0.291
--84.9
1600
0.416
--165.4
8.559
78.0
0.060
51.7
0.262
--89.3
1800
0.414
--171.8
7.596
74.2
0.065
50.5
0.239
--93.3
2000
0.415
--176.6
6.892
70.4
0.071
50.4
0.217
--97.1
2200
0.414
177.9
6.243
66.7
0.077
49.1
0.202
--100.5
2400
0.409
172.5
5.704
63.6
0.082
47.9
0.187
--104.2
2600
0.409
167.2
5.250
60.3
0.088
47.0
0.176
--107.5
2800
0.416
164.1
4.877
57.2
0.094
45.4
0.167
--110.6
3000
0.413
160.6
4.550
54.0
0.099
43.9
0.160
--113.6
3200
0.410
157.2
4.245
50.7
0.105
42.8
0.154
--116.8
3400
0.411
152.7
4.009
48.2
0.112
40.9
0.148
--120.0
3600
0.412
151.1
3.803
45.1
0.118
39.3
0.142
--123.2
3800
0.408
146.3
3.604
42.3
0.124
37.5
0.139
--126.8
4000
0.408
142.8
3.443
39.5
0.130
35.7
0.136
--129.8
4200
0.411
139.2
3.312
36.5
0.136
34.0
0.132
--133.1
4400
0.412
136.4
3.140
33.9
0.142
32.3
0.130
--136.7
4600
0.410
133.1
3.011
30.7
0.148
30.3
0.128
--140.0
4800
0.410
130.0
2.886
28.1
0.153
28.3
0.126
--143.7
5000
0.423
126.8
2.777
25.1
0.160
26.4
0.124
--147.2
5200
0.414
124.2
2.678
22.2
0.165
24.3
0.122
--150.7
5400
0.419
121.7
2.560
19.9
0.172
22.3
0.122
--154.9
5600
0.423
118.9
2.485
16.9
0.177
20.5
0.121
--158.6
5800
0.422
115.1
2.407
14.6
0.183
18.4
0.120
--163.0
6000
0.428
112.1
2.333
11.5
0.190
16.4
0.119
--166.5


Similar Part No. - SBFP540B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP540D SANYO-SBFP540D Datasheet
79Kb / 13P
   SBFP540D
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
   UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
More results

Similar Description - SBFP540B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP420B SANYO-SBFP420B Datasheet
54Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
   UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
logo
Toshiba Semiconductor
2SC1551 TOSHIBA-2SC1551 Datasheet
269Kb / 5P
   UHF~C Band Low Noise Amplifier Applications
logo
Sanyo Semicon Device
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
   UHF to C Band Low-Noise Amplifier Osc. Applications
logo
Toshiba Semiconductor
2SC3011 TOSHIBA-2SC3011 Datasheet
223Kb / 4P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC3098 TOSHIBA-2SC3098 Datasheet
210Kb / 3P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6023-TR-E SANYO-2SC6023-TR-E Datasheet
847Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5490 SANYO-2SC5490 Datasheet
39Kb / 4P
   UHF to S Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com