Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE3509M04 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE3509M04
Description  L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE3509M04 Datasheet(HTML) 1 Page - California Eastern Labs

  NE3509M04 Datasheet HTML 1Page - California Eastern Labs NE3509M04 Datasheet HTML 2Page - California Eastern Labs NE3509M04 Datasheet HTML 3Page - California Eastern Labs NE3509M04 Datasheet HTML 4Page - California Eastern Labs NE3509M04 Datasheet HTML 5Page - California Eastern Labs NE3509M04 Datasheet HTML 6Page - California Eastern Labs NE3509M04 Datasheet HTML 7Page - California Eastern Labs NE3509M04 Datasheet HTML 8Page - California Eastern Labs NE3509M04 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRELIMINARY PRODUCT INFORMATION
L to S BAND LOW NOISE AMPLIFIER
N-CHANNEL HJ-FET
FEATURES
- Super Low Noise Figure & Associated Gain :
NF=0.4dB TYP. Ga=17.5dB TYP. @f=2GHz, VDS=2V,ID=10mA
- Flat-lead 4-pin tin-type super mini-mold(M04) package (Pb-Free T. )
APPLICATIONS
- Satellite Radio(SDARS, DMB, etc.) antenna LNA
- GPS antenna LNA
- LNA for Micro-wave communication system
ORDERING INFORMATION
Part Number
Order Number
Quantity
Marking
Supplying Form
NE3509M04
NE3509M04-A
50pcs (Non reel)
NE3509M04-T2
NE3509M04-T2-A
3 Kpcs/reel
V80
- 8 mm wide emboss taping
- Pin1(Source), Pin2(Drain)
face the perforation side of the tape
Remark To order evaluation samples, please contact your local NEC sales office.
Part number for sample order: NE3509M04
ABSOLUTE MAXIMUM RATINGS ( TA =+ 25
°C )
PARAMETER
SYMBOL
RATINGS
UNIT
V
e
g
a
t
l
o
V
e
c
r
u
o
S
o
t
n
i
a
r
D
DS
V
0
.
4
V
e
g
a
t
l
o
V
e
c
r
u
o
S
o
t
e
t
a
G
GS
V
0
.
3
-
I
t
n
e
r
r
u
C
n
i
a
r
D
D
IDSS
A
m
0
0
2
G
I
t
n
e
r
r
u
C
e
t
a
G
µA
Total Power Dissipation
Ptot Note
W
m
0
5
1
T
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
C
ch
+150
°C
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
- 65 to +150
°C
Note Mounted on 1.08cm
2 X 1.0mm(t) glass epoxy PCB
Caution : Observe precautions when handling because these devices are sensitive to electrostatic discharge.
HETERO JUNCTION FIELD EFFECT TRANSISITOR
NE3509M04
Document No. P*****EJ0V0PM00 (10th edition)
© NEC Compound Semiconductor Devices 2005
Date Published October 2005 CP(K)
The information in this document is subject to change without notice. Before using this document, please confirm
that this is the latest version.


Similar Part No. - NE3509M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04-T2 CEL-NE3509M04-T2 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04-T2 RENESAS-NE3509M04-T2 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04-T2B RENESAS-NE3509M04-T2B Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE3509M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com