Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4435DYPBF Datasheet(PDF) 2 Page - International Rectifier

Part # SI4435DYPBF
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SI4435DYPBF Datasheet(HTML) 2 Page - International Rectifier

  SI4435DYPBF Datasheet HTML 1Page - International Rectifier SI4435DYPBF Datasheet HTML 2Page - International Rectifier SI4435DYPBF Datasheet HTML 3Page - International Rectifier SI4435DYPBF Datasheet HTML 4Page - International Rectifier SI4435DYPBF Datasheet HTML 5Page - International Rectifier SI4435DYPBF Datasheet HTML 6Page - International Rectifier SI4435DYPBF Datasheet HTML 7Page - International Rectifier SI4435DYPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si4435DYPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -2.5A, VGS = 0V
‚
trr
Reverse Recovery Time
–––
34
51
ns
TJ = 25°C, IF = -2.5A
Qrr
Reverse Recovery Charge
–––
33
50
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
A
-50
–––
–––
–––
-2.5
–––
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Pulse width ≤ 300µs; duty cycle ≤ 2%.
ƒ Surface mounted on FR-4 board, t ≤ 5sec.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.019 –––
V/°C
Reference to 25°C, ID = -1mA
––– 0.015 0.020
VGS = -10V, ID = -8.0A
‚
––– 0.026 0.035
VGS = -4.5V, ID = -5.0A
‚
VGS(th)
Gate Threshold Voltage
-1.0
–––
–––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
–––
11
–––
S
VDS = -15V, ID = -8.0A
–––
–––
-10
VDS = -24V, VGS = 0V
–––
–––
-10
VDS = -15V, VGS = 0V, TJ = 70°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -20V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 20V
Qg
Total Gate Charge
–––
40
60
ID = -4.6A
Qgs
Gate-to-Source Charge
–––
7.1
–––
nC
VDS = -15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
8.0
–––
VGS = -10V
‚
td(on)
Turn-On Delay Time
–––
16
24
VDD = -15V, VGS = -10V
‚
tr
Rise Time
–––
76
110
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
130
200
RG = 6.0Ω
tf
Fall Time
–––
90
140
RD = 15Ω
Ciss
Input Capacitance
––– 2320 –––
VGS = 0V
Coss
Output Capacitance
–––
390
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
270
–––
ƒ = 1.0kHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns


Similar Part No. - SI4435DYPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SI4435DYPBF IRF-SI4435DYPBF Datasheet
113Kb / 8P
   Simple Drive Requirements
SI4435DYPBF IRF-SI4435DYPBF_15 Datasheet
113Kb / 8P
   Simple Drive Requirements
More results

Similar Description - SI4435DYPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com