Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6108 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6108
Description  Voltage Detector with Separated Sense Pin and Delay Type Capacitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6108 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6108 Datasheet HTML 1Page - Torex Semiconductor XC6108 Datasheet HTML 2Page - Torex Semiconductor XC6108 Datasheet HTML 3Page - Torex Semiconductor XC6108 Datasheet HTML 4Page - Torex Semiconductor XC6108 Datasheet HTML 5Page - Torex Semiconductor XC6108 Datasheet HTML 6Page - Torex Semiconductor XC6108 Datasheet HTML 7Page - Torex Semiconductor XC6108 Datasheet HTML 8Page - Torex Semiconductor XC6108 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
XC6108 Series
PIN NUMBER
USP- 4
SOT-25
PIN NAME
FUNCTION
1
1
VOUT
Output (Detect ”L”)
2
5
Cd
Delay Capacitance (*1)
2
-
NC
No Connection
3
4
VSEN
Sense
4
3
VIN
Input
5
2
VSS
Ground (*2)
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
: CMOS output
Output Configuration
N
: N-ch open drain output
② ③
Detect Voltage
08 ~ 50
: e.g. 18→1.8V
A
: Built-in delay pin, hysteresis 5% (TYP.)
B
: Built-in delay pin, hysteresis less than 1%
C
: No built-in delay pin, hysteresis 5% (TYP.)
Output Delay & Hysteresis
(Options)
D
: No built-in delay pin, hysteresis less than 1%
G
: USP-4
Package
M
: SOT-25
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
XC6108 ①②③④⑤⑥
NOTE:
*1: With the VSS pin of the USP-4 package, a tab on the backside is used as the pin No.5.
*2: In the case of selecting no built-in delay pin type, the Cd pin will be used as the N.C.
VSS
VOUT
Cd
VIN
VSEN
1
2
4
3
5
1
2
3
4
5
Cd
VOUT
VIN
VSEN
VSS
USP-4
(BOTTOM VIEW)
SOT-25
(TOP VIEW)
* In the XC6108xxxA/B series, the dissipation pad should
not be short-circuited with other pins.
* In the XC6108xxxC/D series, when the dissipation pad
is short-circuited with other pins, connect it to the NC
pin (pin No.2) before use.
Ordering Information


Similar Part No. - XC6108

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6108 TOREX-XC6108 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
More results

Similar Description - XC6108

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XC6109_005 TOREX-XC6109_005 Datasheet
284Kb / 14P
   Voltage Detector with Delay Type Capacitor
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com