Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX374MTCX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LCX374MTCX
Description  Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LCX374MTCX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74LCX374MTCX Datasheet HTML 1Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 2Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 3Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 4Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 5Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 6Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 7Page - National Semiconductor (TI) 74LCX374MTCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF11996
November 1996
74LCX374
Low-Voltage Octal D Flip-Flop
with 5V Tolerant Inputs and Outputs
General Description
The LCX374 consists of eight D-type flip-flops featuring sep-
arate D-type inputs for each flip-flop and TRI-STATE
out-
puts for bus-oriented applications A buffered clock (CP)
and Output Enable (OE) are common to all flip-flops The
LCX374 is designed for low-voltage (33V) VCC applications
with capability of interfacing to a 5V signal environment
The LCX374 is fabricated with an advanced CMOS technol-
ogy to achieve high speed operation while maintaining
CMOS low power dissipation
Features
Y
5V tolerant inputs and outputs
Y
85 ns tPD max 10 mAICCQ max
Y
Power-down high impedance inputs and outputs
Y
Supports live insertionwithdrawal
Y
20V – 36V VCC supply operation
Y
g
24 mA output drive
Y
Implements patented Quiet SeriesTM noiseEMI
reduction circuitry
Y
Functionally compatible with the 74 series 374
Y
Latch-up performance exceeds 500 mA
Y
ESD performance
Human Body Model l 2000V
Machine Model l 200V
Logic Symbols
TLF11996 – 1
IEEEIEC
TLF11996 – 2
Connection Diagram
Pin Assignment for
SOIC SSOP and TSSOP
TLF11996 – 3
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
Output Enable Input
O0–O7
TRI-STATE Outputs
SOIC JEDEC
SOIC EIAJ
SSOP Type II
TSSOP JEDEC
Order Number
74LCX374WM
74LCX374SJ
74LCX374MSA
74LCX374MTC
74LCX374WMX
74LCX374SJX
74LCX374MSAX
74LCX374MTCX
See NS Package Number
M20B
M20D
MSA20
MTC20
TRI-STATE
is a registered trademark of National Semiconductor Corporation
Quiet SeriesTM is a trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M17Printed in U S A
http
www nationalcom


Similar Part No. - 74LCX374MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX374MTCX FAIRCHILD-74LCX374MTCX Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374MTCX-NL FAIRCHILD-74LCX374MTCX-NL Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374MTCXNL3 FAIRCHILD-74LCX374MTCXNL3 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374MTCX_NL FAIRCHILD-74LCX374MTCX_NL Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX374MTCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX574 FAIRCHILD-74LCX574 Datasheet
767Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
   74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com