Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC541MTCX Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74VHC541MTCX
Description  Octal Buffer/Line Driver with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74VHC541MTCX Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74VHC541MTCX Datasheet HTML 1Page - National Semiconductor (TI) 74VHC541MTCX Datasheet HTML 2Page - National Semiconductor (TI) 74VHC541MTCX Datasheet HTML 3Page - National Semiconductor (TI) 74VHC541MTCX Datasheet HTML 4Page - National Semiconductor (TI) 74VHC541MTCX Datasheet HTML 5Page - National Semiconductor (TI) 74VHC541MTCX Datasheet HTML 6Page - National Semiconductor (TI) 74VHC541MTCX Datasheet HTML 7Page - National Semiconductor (TI) 74VHC541MTCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage (VCC)
b
05V to a70V
DC Input Voltage (VIN)
b
05V to a70V
DC Output Voltage (VOUT)
b
05V to VCC a 05V
Input Diode Current (IIK)
b
20 mA
Output Diode Current (IOK)
g
20 mA
DC Output Current (IOUT)
g
25 mA
DC VCC GND Current (ICC)
g
75 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Note 1
Absolute Maximum Ratings are values beyond
which the device may be damaged or have its useful life
impaired The databook specifications should be met with-
out exception to ensure that the system design is reliable
over its power supply temperature and outputinput load-
ing variables National does not recommend operation out-
side databook specifications
Recommended Operating
Conditions
Supply Voltage (VCC)
20V to a55V
Input Voltage (VIN)0V to a55V
Output Voltage (VOUT)
0VtoVCC
Operating Temperature (TOPR)
b
40 Cto a85 C
Input Rise and Fall Time (tr tf)
VCC e 33V g03V
0 E 100 nsV
VCC e 50V g05V
0 E 20 nsV
DC Characteristics for ’VHC Family Devices
Symbol
Parameter
VCC
(V)
74VHC
Units
Conditions
TA e 25 C
TA eb40 C
to a85 C
Min
Typ
Max
Min
Max
VIH
High Level Input
20
150
150
V
Voltage
30 – 55
07 VCC
07 VCC
VIL
Low Level Input
20
050
050
V
Voltage
30 – 55
03 VCC
03 VCC
VOH
High Level Output
20
19
20
19
VIN e VIH
IOH eb50 mA
Voltage
30
29
30
29
V
or VIL
45
44
45
44
30
258
248
V
IOH eb4mA
45
394
380
IOH eb8mA
VOL
Low Level Output
20
00
01
01
VIN e VIH
IOL e 50 mA
Voltage
30
00
01
01
V
or VIL
45
00
01
01
30
036
044
V
IOL e 4mA
45
036
044
IOL e 8mA
IOZ
TRI-STATE Output
55
g
025
g
25
m
A
VIN e VIH or VIL
Off-State Current
VOUT e VCC or GND
IIN
Input Leakage
0 – 55
g
01
g
10
m
AVIN e 55V or GND
Current
ICC
Quiescent Supply
55
40
400
m
AVIN e VCC or GND
Current
2


Similar Part No. - 74VHC541MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC541MTC FAIRCHILD-74VHC541MTC Datasheet
83Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74VHC541MTC ONSEMI-74VHC541MTC Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
More results

Similar Description - 74VHC541MTCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com