Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV-2405E Datasheet(PDF) 9 Page - Harris Corporation

Part # HV-2405E
Description  World-Wide Single Chip Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HV-2405E Datasheet(HTML) 9 Page - Harris Corporation

Back Button HV-2405E Datasheet HTML 5Page - Harris Corporation HV-2405E Datasheet HTML 6Page - Harris Corporation HV-2405E Datasheet HTML 7Page - Harris Corporation HV-2405E Datasheet HTML 8Page - Harris Corporation HV-2405E Datasheet HTML 9Page - Harris Corporation HV-2405E Datasheet HTML 10Page - Harris Corporation HV-2405E Datasheet HTML 11Page - Harris Corporation HV-2405E Datasheet HTML 12Page - Harris Corporation HV-2405E Datasheet HTML 13Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
5-23
HV-2405E
R2 = 2.7
Ω, C2 = 330µF)
FIGURE 13. OUTPUT CURRENT vs TEMPERATURE (R1 = 150
Ω,
R2 = 2.7
Ω, C2 = 330µF)
Component List (Imbedded Supply
≤30mA)
Fuse
Opens the connection to the power line should the system fail.
Recommended value: 1/4AG
R1 Source Resistor
R1 limits the input current into the HV-2405E. Needs to be
large enough to limit inrush current when C2 is discharged
fully. The maximum inrush current needs to be limited to less
than 2A (Vpeak / R1 < 2A). The equation for power dissipa-
tion in R1 is:
Wirewound resistors are recommended due to their superior
temperature characteristics.
R1 = 150
(±10%)
R2 Series Resistor
R2 limits the input current by boosting the voltage on pin 2
sooner in the cycle.
R2 = 2.7
Ω (5%), 1/4W
C1 Snubber Capacitor
C1 and R1 form a low pass filter that limits the voltage rate of
rise across SA1 (the main current carrying SCR of the HV-
2405E) and therefore its power dissipation.
C1 = 0.1
µF (±10%) AC rated, metallized polyester.
C2 Pre-Regulator Capacitor
C2 is charged once each line cycle. The post regulator sec-
tion of the HV-2405E is powered by C2 for most of the line
cycle. If the application requires a smaller input voltage, the
value of C2 can be reduced from that shown in Figure 7 or
Figure 8 (see section on “Optimizing Design” for details.
Note; capacitors with high ESR may not store enough
Pd = 2.8
25
20
15
10
5
0
0
102030405060708090
100
OUTPUT CURRENT (mA)
30
+85oC
-40oC
+25oC
IMBEDDED SUPPLY
R1 Vrms (IOUT)3
charge to maintain full load current. The voltage rating of C2
should be about 10V greater than the selected VOUT.
Recommended value = 330
µF electrolytic (±20%),unless
otherwise specified.
C3 Inhibit Capacitor
C3 keeps the HV-2405E from turning on during large input
voltage transients.
C3 = 150pF (10%)
C4 Output Filter Capacitor
C4 is required to maintain the stability of the output stage.
Larger values may help in supplying short momentary
current peaks to the load and improves output ripple during
start-up.
C4 = 10
µF (±20%)
Z1 Output Voltage Adjust
Z1 is used to set the output voltage above the 5V reference
on pin 5 (see section titled “Setting The Output Voltage” for
more details).
Z1 = VOUT - 5V,1/4W
Note, the wattage rating is different when configured as a
dual supply (see dual supply section for on how to determine
wattage).
Low Input Voltage Supply (I
OUT <50mA)
An ideal application, taking advantage of the low voltage
operation, would be thermostat controls were 28Vrms is sup-
plied via a transformer. In this application the HV-2405E
could deliver a regulated 5V at 40mA with a power dissipa-
tion in R1 (R1= 20
) equal to 530mw. The current limiting
components, in Figure 1, are not required at this low input
voltage level. See Figure 23 and Figure 24 for output vs tem-
perature.
FIGURE 14. LOW INPUT VOLTAGE SUPPLY
HV-2405E
C2
330
µF
C3
150pF
C4
10
µF
C1
0.1
µF
VOUT
+
-
R1
20
COMPONENT LIST
FUSE = 1/ 4A, OPTIONAL
R1 = 20
Ω, 1W
C1 = 0.05
µF, AC RATED
C2 = 330
µF, 15V + V
OUT, ELECTROLYTIC
Z1
AC
HIGH
AC
RETURN
28Vrms
FUSE
C3 = 150pF, CERAMIC
C4 = 10
µF, V
OUT + 10V, ELECTROLYTIC
Z1 = VOUT -5V, 1/4W
Application Information (Continued)


Similar Part No. - HV-2405E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HV-2405E INTERSIL-HV-2405E Datasheet
699Kb / 16P
   World-WideSingle Chip Power Supply
More results

Similar Description - HV-2405E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HV-2405E INTERSIL-HV-2405E Datasheet
699Kb / 16P
   World-WideSingle Chip Power Supply
logo
SHANGHAI BELLING CO., L...
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
List of Unclassifed Man...
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
logo
Semtech Corporation
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
logo
Intersil Corporation
HIP5063 INTERSIL-HIP5063 Datasheet
549Kb / 4P
   Power Control IC Single Chip Power Supply
logo
Sanyo Semicon Device
SPM3216 SANYO-SPM3216 Datasheet
17Kb / 3P
   Wide-Band Switch MMIC Operating with Single Power Supply
logo
Semtech Corporation
SC472B SEMTECH-SC472B Datasheet
228Kb / 1P
   Single-Phase Single Chip Graphics Core Power Supply
SC473 SEMTECH-SC473 Datasheet
474Kb / 18P
   Single-Phase Single Chip Graphics Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com