Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV3-2405E-9 Datasheet(PDF) 2 Page - Harris Corporation

Part # HV3-2405E-9
Description  World-Wide Single Chip Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HV3-2405E-9 Datasheet(HTML) 2 Page - Harris Corporation

  HV3-2405E-9 Datasheet HTML 1Page - Harris Corporation HV3-2405E-9 Datasheet HTML 2Page - Harris Corporation HV3-2405E-9 Datasheet HTML 3Page - Harris Corporation HV3-2405E-9 Datasheet HTML 4Page - Harris Corporation HV3-2405E-9 Datasheet HTML 5Page - Harris Corporation HV3-2405E-9 Datasheet HTML 6Page - Harris Corporation HV3-2405E-9 Datasheet HTML 7Page - Harris Corporation HV3-2405E-9 Datasheet HTML 8Page - Harris Corporation HV3-2405E-9 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
5-16
Specifications HV-2405E
Test Circuit
Absolute Maximum Ratings
Thermal Information
Voltage Between Pin 1 and 8, Peak
. . . . . . . . . . . . . . . . . . . . . . . . ±500V
Voltage Between Pin 2 and 6 . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Input Current, Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2A
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34V
Thermal Resistance
θ
JA
Plastic DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150oC
Storage Temperature Range. . . . . . . . . . . . . . . . . . -65oC to +150oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Unless Otherwise Specified: VIN = 264Vms at 50Hz, C1 = 0.05µF, C2 = 470µF, C4 = 1µF, VOUT = 5V,
IOUT = 50mA, Source Impedance R1 = 150Ω. Parameters are Guaranteed at the Specific VIN and
Frequency Conditions, Unless Otherwise Specified. See test circuit for Component Location.
PARAMETER
CONDITIONS
TEMP
HV-2405E-5/-9
UNITS
MIN
TYP
MAX
Output Voltage (At Preset 5V)
VREF = 0VDC
+25oC
4.75
5.0
5.25
V
Full
4.65
5.0
5.35
V
Output Voltage (At Preset 24V)
VREF = 19VDC
+25oC
22.8
24.0
25.2
V
Full
22.32
24.0
25.68
V
Line Regulation
80Vrms to 264Vrms
+25oC
-
10
20
mV
Full
-
15
40
mV
Load Regulation
(IOUT = 5mA to 50mA)
+25oC-
-
20
mV
Full
-
-
40
mV
Output Current
Full
50
-
-
mA
Output Ripple (Vp-p)
Full
-
24
-
mV
Short Circuit Current Limit
Full
-
70
-
mA
Output Voltage TC
Full
-
0.02
-
%/oC
Quiescent Current Post Regulator
11VDC to 30VDC on Pin 2
+25oC-
2
-
mA
DUT
+
-
VREF
C2
470
µF
C3
150pF
C4
1
µF
C1
0.05
µF
FILTER
NETWORK
AUTOMATIC
TEST
EQUIPMENT
VOUT
+
-
R1
150
TEST SIGNALS
SHOULD BE
FILTERED TO
PRECLUDE
TRANSIENTS
TO LESS THAN
10V/
µs


Similar Part No. - HV3-2405E-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HV3-2405E-9 INTERSIL-HV3-2405E-9 Datasheet
699Kb / 16P
   World-WideSingle Chip Power Supply
More results

Similar Description - HV3-2405E-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HV-2405E INTERSIL-HV-2405E Datasheet
699Kb / 16P
   World-WideSingle Chip Power Supply
logo
SHANGHAI BELLING CO., L...
BL1554 BELLING-BL1554 Datasheet
312Kb / 6P
   Wide Power Supply Range
logo
List of Unclassifed Man...
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
logo
SHANGHAI BELLING CO., L...
BL1532TQFN BELLING-BL1532TQFN Datasheet
276Kb / 12P
   Wide Power Supply Range
logo
Semtech Corporation
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
   Single-Phase Single Chip Vcore Power Supply
logo
Intersil Corporation
HIP5063 INTERSIL-HIP5063 Datasheet
549Kb / 4P
   Power Control IC Single Chip Power Supply
logo
Sanyo Semicon Device
SPM3216 SANYO-SPM3216 Datasheet
17Kb / 3P
   Wide-Band Switch MMIC Operating with Single Power Supply
logo
Semtech Corporation
SC472B SEMTECH-SC472B Datasheet
228Kb / 1P
   Single-Phase Single Chip Graphics Core Power Supply
SC473 SEMTECH-SC473 Datasheet
474Kb / 18P
   Single-Phase Single Chip Graphics Core Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com