Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16803 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16803
Description  High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16803 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16803 Datasheet HTML 1Page - Maxim Integrated Products MAX16803 Datasheet HTML 2Page - Maxim Integrated Products MAX16803 Datasheet HTML 3Page - Maxim Integrated Products MAX16803 Datasheet HTML 4Page - Maxim Integrated Products MAX16803 Datasheet HTML 5Page - Maxim Integrated Products MAX16803 Datasheet HTML 6Page - Maxim Integrated Products MAX16803 Datasheet HTML 7Page - Maxim Integrated Products MAX16803 Datasheet HTML 8Page - Maxim Integrated Products MAX16803 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
High-Voltage, 350mA, High-Brightness LED
Driver with PWM Dimming and 5V Regulator
_______________________________________________________________________________________
5
IDIM vs. VDIM
VDIM (V)
14
12
10
8
6
4
2
50
100
150
200
250
300
0
016
VSNSE vs. VCS-
VCS- (V)
4.5
4.0
3.5
3.0
2.5
201
202
203
204
205
200
2.0
5.0
VIN = 12V
ILOAD = 350mA
Typical Operating Characteristics (continued)
(VIN = VEN = +12V, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1, 16
OUT
Current-Regulated Output. Connect pin 1 to pin 16.
2, 3
IN
Positive Input Supply. Bypass IN with a 0.1µF (min) capacitor to GND. Connect pin 2 to pin 3.
4–8, 14
N.C.
Not Internally Connected
9
CS+
Positive Input of the Internal Differential Amplifier. Connect the current-sense resistor between CS+
and CS- to program the output current level.
10
CS-
Negative Input of the Internal Differential Amplifier. Connect the current-sense resistor between
CS- and CS+ to program the output current level.
11
V5
+5V Regulated Output. Connect a 0.1µF capacitor from V5 to GND.
12
GND
Ground
13
DIM
Pulsed Dimming Input. Drive DIM low to disable the output. Drive DIM high to enable the output.
Must not be left unconnected.
15
EN
Enable Input. Drive EN high to enable the output.
—EP
Exposed Pad. Connect to the ground plane for effective power dissipation. Do not use as the only
ground connection.


Similar Part No. - MAX16803

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16803ATE++ MAXIM-MAX16803ATE+ Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16803ATE/V++ MAXIM-MAX16803ATE/V+ Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16803EVKIT MAXIM-MAX16803EVKIT Datasheet
205Kb / 5P
   MAX16803 Evaluation Kit
Rev 1; 11/08
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
More results

Similar Description - MAX16803

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835 Datasheet
155Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
   350mA LED driver with internal switch and enhanced PWM dimming range
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com