Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8720 Datasheet(PDF) 3 Page - General Electric Company

Part # SP8720
Description  ECL two-modulus divider, with ECL10K compatible outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

SP8720 Datasheet(HTML) 3 Page - General Electric Company

  SP8720 Datasheet HTML 1Page - General Electric Company SP8720 Datasheet HTML 2Page - General Electric Company SP8720 Datasheet HTML 3Page - General Electric Company SP8720 Datasheet HTML 4Page - General Electric Company SP8720 Datasheet HTML 5Page - General Electric Company SP8720 Datasheet HTML 6Page - General Electric Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SP8720
OPERATING NOTES
1. The clock input is biased internally and is coupled to the signal
source with a suitable capacitor. The input signal path is completed
by an input reference decoupling capacitor which is connected
from pin 16 to ground.
2. If no signal is present the device will self-oscillate. If this is
undesirable, it may be prevented by connecting a 15k
Ω resistor
from the clock input (pin 1) to VEE. This will reduce the input
sensitivity by approximately 100mV.
3. The circuit will operate down to DC but slew rate must be better
than 100V/
µs.
4. The Q and Q outputs are compatible with ECLII but can be
interfaced to ECL10K as shown in Fig. 7. There is an internal
circuit equivalent to a load of 2k
Ω at each output.
5. The PE inputs are ECLIII/10K compatible and include 4·3k
pulldown resistors. Unused inputs can therefore be left open.
6. The input impedance of the SP8720 varies as a function of
frequency, see Fig. 5.
7. All components should be suitable for the frequency in use.
Fig. 5 Typical input impedance. Test conditions: Supply Voltage = 25·2V,
Ambient Temperature = 25
°C. Frequencies in MHz, impedances normalised to 50Ω.
Fig. 6 Test circuit
DUT
450
450
100n
100n
OUTPUTS TO
SAMPLING
SCOPE
VEE = 25·2V
5
8
9
12
16
1
1n
1n
1n
33
33
20
INPUT FROM
GENERATOR
TO SAMPLING
SCOPE
150
j 2
j 1
j 0.5
j 0.2
0
2
j 0.2
2
j 0.5
2
j 1
2
j 2
1
0.5
0.2
j 5
2
j 5
2
5
100
200
300
250
50


Similar Part No. - SP8720

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
SP870208-1 DBUNLIMITED-SP870208-1 Datasheet
764Kb / 1P
   Released from Engineering
logo
List of Unclassifed Man...
SP8704 ETC-SP8704 Datasheet
66Kb / 5P
   950MHz VERY LOW CURRENT MULTI-MODULUS DIVIDER
SP8712B ETC2-SP8712B Datasheet
568Kb / 4P
   2400MHz 첨 4 Asynchronous Emitter Coupled Logic Counter
logo
Mitel Networks Corporat...
SP8713 MITEL-SP8713 Datasheet
135Kb / 9P
   1100MHz Very Low Current Three Modulus Divider
SP8713IGMPAC MITEL-SP8713IGMPAC Datasheet
135Kb / 9P
   1100MHz Very Low Current Three Modulus Divider
More results

Similar Description - SP8720

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8795 ZARLINK-SP8795 Datasheet
269Kb / 6P
   225MHz 32/33 TWO MODULUS DIVIDER
SP8799 ZARLINK-SP8799 Datasheet
267Kb / 6P
   225MHz 10/11 TWO MODULUS DIVIDER
logo
List of Unclassifed Man...
SP8685A ETC2-SP8685A Datasheet
207Kb / 4P
   500MHz 첨 10/11 ECL Variable Modulus Divider
SP8789 ETC1-SP8789 Datasheet
25Kb / 1P
   225MHz Frequency Divider Divided by 20/21 TWO MODULUS DIVIDER
logo
Mitsubishi Electric Sem...
M54477L MITSUBISHI-M54477L Datasheet
208Kb / 3P
   1/128, 1/136 2-MODULUS HIGH SPEED DIVIDER WITH ECL OUTPUT
logo
ON Semiconductor
NB7N017M ONSEMI-NB7N017M Datasheet
177Kb / 20P
   3.3V SiGe 8-Bit Dual Modulus Programmable Divider/Prescaler with CML Outputs
November, 2004 ??Rev. 0
NB7N017M ONSEMI-NB7N017M_06 Datasheet
139Kb / 19P
   3.3V SiGe 8?묪it Dual Modulus Programmable Divider/Prescaler with CML Outputs
February, 2006 ??Rev. 2
logo
List of Unclassifed Man...
SP8906 ETC-SP8906 Datasheet
126Kb / 3P
   500MHZ 4 MODULUS DIVIDER
logo
Fujitsu Component Limit...
MB501L FUJITSU-MB501L Datasheet
237Kb / 12P
   TWO MODULUS PRESCALERS
logo
List of Unclassifed Man...
SP8695A ETC-SP8695A Datasheet
729Kb / 4P
   LOW POWER ECL COUNTER WITH BOTH ECL 10K AND TTL COMPATIBLE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com