Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C256AL-10T Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61C256AL-10T
Description  32K X 8 HIGH-SPEED CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C256AL-10T Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61C256AL-10T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C256AL-10T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C256AL-10T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C256AL-10T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C256AL-10T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C256AL-10T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C256AL-10T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C256AL-10T Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C256AL-10T Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. B
10/23/06
IS61C256AL
ISSI®
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-10 ns
-12 ns
Symbol
Parameter
Min.
Max
Min. Max.
Unit
tWC
Write Cycle Time
10
12
ns
tSCS
CE to Write End
9
10
ns
tAW
Address Setup Time
9
10
ns
to Write End
tHA
Address Hold
0
0
ns
from Write End
tSA
Address Setup Time
0
0
ns
tPWE1
WE Pulse Width (OE LOW)
9
9
ns
tPWE2
WE Pulse Width (OE HIGH)
8
8
ns
tSD
Data Setup to Write End
7
7
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE(2)
WE LOW to High-Z Output
6
6
ns
tLZWE(2)
WE HIGH to Low-Z Output
0
0
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and
output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW and WE LOW. All signals must be in valid states to initiate a Write,
but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling
edge of the signal that terminates the write.
AC WAVEFORMS
WRITE CYCLE NO. 1 (
WE
WE
WE
WE
WE Controlled)(1,2)
DATA UNDEFINED
t WC
VALID ADDRESS
t SCS
t PWE1
t PWE2
t AW
t HA
HIGH-Z
t HD
t SA
t HZWE
ADDRESS
CE
WE
DOUT
DIN
DATAIN VALID
t LZWE
t SD
CE_WR1.eps


Similar Part No. - IS61C256AL-10T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C256AL-10T ISSI-IS61C256AL-10T Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL-10TL ISSI-IS61C256AL-10TL Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C256AL-10T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com