Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBU6D Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # SBU6D
Description  6 AMP SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SBU6D Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  SBU6D Datasheet HTML 1Page - DIOTEC Electronics Corporation SBU6D Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E23
FEATURES
Data Sheet No. BSBU-600-1D
MECHANICAL SPECIFICATION
6 AMP SILICON BRIDGE RECTIFIERS
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Peak Forward Surge Current. Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method). T = 150 C
Maximum Forward Voltage (Per Diode) at 6 Amps DC
VOLTS
AMPS
V
I
250
0.95 (Typical < 0.90)
Typical Thermal Resistance
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
I
R
R
°C/W
A
@ T = 25 C
@ T = 100 C
1
50
16.0
3.1
B1
L
L1
D3
D
C2
D2
D1
C1
A1
D
A
B
+
_
C
+
_
SERIES SBU6A - SBU6M
Average Forward Rectified Current
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
RATINGS
UNITS
VOLTS
SBU
SBU
SBU
SBU
SBU
SBU
SBU
50
100
200
400
1000
35
70
140
280
700
6
6
600
800
50
100
200
400
1000
600
800
420
560
6A
6B
6D
6G
6J
6K
6M
UL RECOGNIZED - FILE #E124962
T = 40 C (Note 2)
T = 100 C (Notes 1, 3)
Junction to Case (Note 3)
Junction to Ambient (Note 2)
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
SURGE OVERLOAD RATING TO 250 AMPS PEAK
IDEAL FOR PRINTED CIRCUIT BOARD APPLICATIONS
THRU-HOLE FOR EASY HEAT SINK MOUNTING
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
VOLTS
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
2500
Operating and Storage Temperature Range
T ,T
°C
-55 to +150
MECHANICAL DATA
Case:
Terminals: Round silver plated pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on case
Mounting Position: Any. Max. mounting torque = 5 in lb
Weight: 0.3 Ounces (8 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
RoHS COMPLIANT


Similar Part No. - SBU6D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBU6D PANJIT-SBU6D Datasheet
82Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - SBU6D

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BRDB-600-1D DEC-BRDB-600-1D Datasheet
385Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
06HBU DEC-06HBU Datasheet
482Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
06SBU DEC-06SBU Datasheet
376Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
DB604 DEC-DB604 Datasheet
383Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
06DB DEC-06DB Datasheet
385Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
DT6C00 DEC-DT6C00 Datasheet
326Kb / 1P
   6 AMP SILICON BRIDGE RECTIFIERS
AHBU604 DEC-AHBU604 Datasheet
480Kb / 2P
   6 AMP SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
VH148 ETC1-VH148 Datasheet
261Kb / 2P
   6 Amp Epoxy Bridge Rectifiers
logo
New Jersey Semi-Conduct...
VH247 NJSEMI-VH247 Datasheet
93Kb / 1P
   6 Amp Epoxy Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com